Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8CM-12LA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR8CM-12LA
Description  Triac Medium Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8CM-12LA Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR8CM-12LA Datasheet HTML 1Page - Renesas Technology Corp BCR8CM-12LA Datasheet HTML 2Page - Renesas Technology Corp BCR8CM-12LA Datasheet HTML 3Page - Renesas Technology Corp BCR8CM-12LA Datasheet HTML 4Page - Renesas Technology Corp BCR8CM-12LA Datasheet HTML 5Page - Renesas Technology Corp BCR8CM-12LA Datasheet HTML 6Page - Renesas Technology Corp BCR8CM-12LA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G0295-0300
Rev.3.00
Nov 30, 2007
Page 1 of 6
BCR8CM-12LA
Triac
Medium Power Use
REJ03G0295-0300
Rev.3.00
Nov 30, 2007
Features
• I
T (RMS) : 8 A
• V
DRM : 600 V
• I
FGTI, IRGTI, IRGT III : 30 mA (20 mA)
Note6
• Non-Insulated Type
• Planar Passivation Type
Outline
2, 4
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
4. T2 Terminal
1 2
3
4
RENESAS Package code: PRSS0004AA-A
(Package name: TO-220)
Applications
Contactless AC switch, light dimmer, electronic flasher unit, control of household equipment such as TV sets, stereo
systems, refrigerator, washing machine, infrared kotatsu, carpet, electric fan, and solenoid driver, small motor control,
copying machine, electric tool, electric heater control, and other general purpose control applications
Maximum Ratings
Voltage class
Parameter
Symbol
12
Unit
Repetitive peak off-state voltage
Note1
VDRM
600
V
Non-repetitive peak off-state voltage
Note1
VDSM
720
V


Similar Part No. - BCR8CM-12LA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR8CM-12LB RENESAS-BCR8CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use
BCR8CM-12LB-A8 RENESAS-BCR8CM-12LB-A8 Datasheet
126Kb / 8P
   Triac Medium Power Use
BCR8CM-12LB RENESAS-BCR8CM-12LB_15 Datasheet
151Kb / 9P
   600V - 8A - Triac Medium Power Use
More results

Similar Description - BCR8CM-12LA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com