Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8CS-12LA-T11 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR8CS-12LA-T11
Description  Triac Medium Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8CS-12LA-T11 Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR8CS-12LA-T11 Datasheet HTML 1Page - Renesas Technology Corp BCR8CS-12LA-T11 Datasheet HTML 2Page - Renesas Technology Corp BCR8CS-12LA-T11 Datasheet HTML 3Page - Renesas Technology Corp BCR8CS-12LA-T11 Datasheet HTML 4Page - Renesas Technology Corp BCR8CS-12LA-T11 Datasheet HTML 5Page - Renesas Technology Corp BCR8CS-12LA-T11 Datasheet HTML 6Page - Renesas Technology Corp BCR8CS-12LA-T11 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G0338-0300
Rev.3.00
Nov 30, 2007
Page 1 of 6
BCR8CS-12LA
Triac
Medium Power Use
REJ03G0338-0300
Rev.3.00
Nov 30, 2007
Features
• I
T (RMS) : 8 A
• V
DRM : 600 V
• I
FGTI, IRGTI, IRGT III : 30 mA (20 mA)
Note6
• Non-Insulated Type
• Planar Passivation Type
Outline
2, 4
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
4. T2 Terminal
1
2
3
4
RENESAS Package code: PRSS0004AB-A
(Package name: TO-220S)
Applications
Solid state relay, hybrid IC
Maximum Ratings
Voltage class
Parameter
Symbol
12
Unit
Repetitive peak off-state voltage
Note1
VDRM
600
V
Non-repetitive peak off-state voltage
Note1
VDSM
720
V


Similar Part No. - BCR8CS-12LA-T11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR8CS-12LB RENESAS-BCR8CS-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR8CS-12LB RENESAS-BCR8CS-12LB Datasheet
140Kb / 9P
   Triac Medium Power Use
BCR8CS-12LB-T11 RENESAS-BCR8CS-12LB-T11 Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR8CS-12LB-T11B00 RENESAS-BCR8CS-12LB-T11B00 Datasheet
140Kb / 9P
   Triac Medium Power Use
BCR8CS-12LBB00 RENESAS-BCR8CS-12LBB00 Datasheet
140Kb / 9P
   Triac Medium Power Use
More results

Similar Description - BCR8CS-12LA-T11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com