Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8KM-12LC-A8 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR8KM-12LC-A8
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8KM-12LC-A8 Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR8KM-12LC-A8 Datasheet HTML 1Page - Renesas Technology Corp BCR8KM-12LC-A8 Datasheet HTML 2Page - Renesas Technology Corp BCR8KM-12LC-A8 Datasheet HTML 3Page - Renesas Technology Corp BCR8KM-12LC-A8 Datasheet HTML 4Page - Renesas Technology Corp BCR8KM-12LC-A8 Datasheet HTML 5Page - Renesas Technology Corp BCR8KM-12LC-A8 Datasheet HTML 6Page - Renesas Technology Corp BCR8KM-12LC-A8 Datasheet HTML 7Page - Renesas Technology Corp BCR8KM-12LC-A8 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BCR8KM-12LC
Rev.2.00,
Dec.17.2004,
page 3 of 7
Performance Curves
0
10
20
30
40
50
60
10-1
2
3
5
7
2
3
5
7
2
3
5
7
100
101
102
100
101
2
3
57
2
3
57 102
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.8
3.4
-60 -40 -20
0
20
40
60
80 100 120 140 160
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
PGM =5 W
I
GM = 2 A
P
G(AV) = 0.5 W
V
GT = 1.5 V
V
GD = 0.2 V
I
FGT I
I
RGT II
I
RGT III
IFGTI
IRGTI
IRGTIII
V
GM = 10 V
10-1
100
101
2
3
5
7
2
3
5
7
2
3
5
7
102
101
23
5 7
23
5 7
23
5 7
102
103
104
2
3
5
7
2
3
5
7
101
102
103
2
3
5
7
2
3
5
7
101
102
103
23
10–1
57 100 23 5 7 101 23 5 7 102
4.0
23
102
57 103 23 5
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60 Hz)
Tj = 25°C
Gate Characteristics (I, II and III)
Gate Current (mA)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Maximum Transient Thermal Impedance
Characteristics (Junction to case)
Conduction Time (Cycles at 60 Hz)
Typical Example
Typical Example


Similar Part No. - BCR8KM-12LC-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR8KM-12LA RENESAS-BCR8KM-12LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR8KM-12LA-A8 RENESAS-BCR8KM-12LA-A8 Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR8KM-12LB RENESAS-BCR8KM-12LB Datasheet
147Kb / 8P
   Triac Medium Power Use
BCR8KM-12LB-A8 RENESAS-BCR8KM-12LB-A8 Datasheet
147Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR8KM-12LC-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com