Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8PM-12L Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR8PM-12L
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8PM-12L Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR8PM-12L Datasheet HTML 1Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 2Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 3Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 4Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 5Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 6Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 7Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BCR8PM-12L
Rev.2.00,
Nov.08.2004,
page 3 of 7
Performance Curves
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
10
0
10
1
10
2
37
25
3
7
25
Conduction Time (Cycles at 60Hz)
100
60
40
0
10
20
30
50
70
90
80
IRGT I, IFGT I
VGD = 0.2V
VGT = 1.5V
IFGT I IRGT I, IRGT III
Gate Characteristics (I, II and III)
Gate Current (mA)
23 5 710
2
10
1
23 5 710
3
23 5 710
4
7
5
7
5
7
5
3
2
3
2
3
2
10
1
10
0
10
–1
Typical Example
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
–60 –40–20 0 20 40 60 80 100 120 140
10
3
7
5
3
2
7
5
3
2
10
2
10
1
Typical Example
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
–60 –40–20 0 20 40 60 80 100 120 140
10
3
7
5
3
2
7
5
3
2
10
2
10
1
Maximum Transient Thermal Impedance
Characteristics (Junction to case)
23 5 710
3
23 5
10
2
23 5 710
0
10
–1
23 5 710
1
23 5 710
2
Conduction Time (Cycles at 60Hz)
0
1.5
1.0
0.5
2.5
2.0
4.0
3.5
3.0
PG(AV) = 0.5W
VGM = 10V
PGM = 5W
IGM = 2A
Tj = 25°C
3.8
0.6
1.4
2.2
3.0
1.0
1.8
2.6
3.4
Tj = 125°C
10
2
7
5
3
2
7
5
3
2
7
5
3
2
10
1
10
0
10
–1
IRGT III


Similar Part No. - BCR8PM-12L

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR8PM-12L POWEREX-BCR8PM-12L Datasheet
83Kb / 6P
   Triac 8 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR8PM-12L RENESAS-BCR8PM-12L Datasheet
132Kb / 8P
   Triac Medium Power Use
logo
Inchange Semiconductor ...
BCR8PM-12LA ISC-BCR8PM-12LA Datasheet
171Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR8PM-12LB RENESAS-BCR8PM-12LB Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR8PM-12LB-A8 RENESAS-BCR8PM-12LB-A8 Datasheet
132Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR8PM-12L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com