Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5802XCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5802XCPZ-R7
Description  Dual Channel High-IP3 100MHz-6GHz Active Mixer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802XCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

  ADL5802XCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary Technical Data
ADL5802
REV. PrA | Page 7 of 8
EVALUATION BOARD SCHEMATIC
Figure 11. Evaluation Board Schematic.
Table 3. Eval Board Configuration
Components
Function
Default Conditions
C1, C4, C6, C7, C8, C9, C10,
C11, C17, C18, R10, R12,
R19, R20, R21
Power Supply Decoupling. Nominal supply decoupling consists a
0.01 μF capacitor to ground in parallel with 10pF capacitors to
ground positioned as close to the device as possible. Series resistors
are provided for enhanced supply decoupling using optional ferrite
chip inductors.
C6, C7, C8 = 10pF (size 0402)
C9, C10, C11 = 0.01 μF (size 0402)
C1, C4, C17, C18 = open (size 0402)
R10, R12, R19, R20, R21 = 0
Ω (size
0402)
C5, C12, C13, C14, T3, T5,
RF1, RF2
RF Channel 1 and Channel 2 Input Interfaces. Input channels are ac-
coupled through C5, C12, C13 and C14. T3 and T4 are 1:1 baluns
used to interface to the 50-
Ω differential inputs.
C5, C12, C13, C14 = 1nF (size 0402)
T3, T5 = ETC1-1-13 (M/A-Com)
C15, C16,
L1, L2, L3, L4,
R2, R3, R6, R7, R13, R14,
R15, R16, R20, R21,
T2, T4,
IF1, IF2
IF Channel 1 and Channel 2 Output Interfaces. The 200-
Ω open
collector IF output interfaces are biased through the center taps of
4:1 impedance transformers at T2 and T4. C15 and C16 provide local
bypassing with R20 and R21 available for additional supply
bypassing. L1, L2, L3, and L4 provide the options when pull-up
choke inductors are used to bias the open-collector outputs. R6, R7,
R13, R14, R15, and R16 are provided for IF filtering and matching
options.
C15, C16 = 100pF (size 0402)
L1, L2, L3, L4 = open (size 0805)
R2, R3, R13, R14, R15, R16, R20, R21 =
0
Ω (size 0402)
R6, R7 = open (size 0402)
T2, T4 = TC4-1W+ (MiniCircuits)
C2, C3, R4, R5, T1, LO
LO Interface. C2 and C3 provide ac-coupling for the local oscillator
input. T1 is a 1:1 balun to allow single-ended interfacing to the
differential 50-
Ω local oscillator input. R4 and R5 provide the options
when differential LO interfaces are needed.
C2, C3 = 1nF (size 0402)
R4, R5 = 0
Ω (size 0402)
T1 = ETC1-1-13 (M/A-Com)
R1, R9, R11, ENBL1
ENABLE Interface. The ADL5802 can be disabled using the 3-pin
ENBL1 header. The ENBL pin is pulled up to VPOS through R9. R1 is
provided as an optional termination for the high impendace enable
interface.
R9 = 10k
Ω (size 0402)
R11 = 0
Ω (size 0402)
R1 = open (size 0402)
ENBL1 = 3-pin header and shunt
R22, R23, VSET
VSET Bias Control. R22 and R23 form an optional resistor divider
network between VPOS and GND, allowing for a fixed bias setting.
The default values are set up for 3.8 V at the VSET pin.
R22 = 866
Ω (size 0402)
R23 = 10k
Ω (size 0402)


Similar Part No. - ADL5802XCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5802 AD-ADL5802 Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
ADL5802-EVALZ AD-ADL5802-EVALZ Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
ADL5802ACPZ-R7 AD-ADL5802ACPZ-R7 Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
More results

Similar Description - ADL5802XCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
logo
Linear Technology
LTC5510 LINER-LTC5510 Datasheet
617Kb / 30P
   1MHz to 6GHz Wideband High Linearity Active Mixer
logo
Analog Devices
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
logo
Linear Technology
LTC5510 LINER-LTC5510_15 Datasheet
617Kb / 30P
   1MHz to 6GHz Wideband High Linearity Active Mixer
logo
Analog Devices
AD8343 AD-AD8343 Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
logo
Linear Technology
LTC5577 LINER-LTC5577_15 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
logo
Analog Devices
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
   High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
logo
SYNERGY MICROWAVE CORPO...
SFM-2-02 SYNERGY-SFM-2-02 Datasheet
316Kb / 3P
   MESFET HIGH IP3 MIXER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com