Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9435GH Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9435GH
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9435GH Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9435GH Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9435GH Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9435GH Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9435GH Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9435GH Datasheet HTML 5Page - Advanced Power Electronics Corp. AP9435GH Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low Gate Charge
BVDSS
-30V
▼ Simple Drive Requirement
RDS(ON)
50mΩ
▼ Fast Switching
ID
- 20A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
10
℃/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
110
℃/W
Data and specifications subject to change without notice
201017075-1/4
AP9435GH/J
Rating
- 30
±20
- 20
0.1
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
Linear Derating Factor
Storage Temperature Range
Continuous Drain Current
-13
Pulsed Drain Current
1
-60
RoHS-compliant Product
Thermal Data
Parameter
Total Power Dissipation
12.5
-55 to 150
Operating Junction Temperature Range
-55 to 150
Advanced Power MOSFETs utilized advanced processing techniques to
achieve the lowest possible on-resistance, extremely efficient and cost-
effectiveness device.
The TO-252/TO-251 package is widely used for commercial-industrial
application.
G
D
S
G
D
S
TO-252(H)
G
D
S
TO-251(J)


Similar Part No. - AP9435GH

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AP9435GH VBSEMI-AP9435GH Datasheet
1,016Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Advanced Power Electron...
AP9435GH-HF A-POWER-AP9435GH-HF Datasheet
419Kb / 6P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9435GH-HF A-POWER-AP9435GH-HF Datasheet
109Kb / 5P
   RoHS Compliant & Halogen-Free
AP9435GH-HF A-POWER-AP9435GH-HF_14 Datasheet
105Kb / 4P
   Simple Drive Requirement
AP9435GH-HF A-POWER-AP9435GH-HF_16 Datasheet
109Kb / 5P
   RoHS Compliant & Halogen-Free
More results

Similar Description - AP9435GH

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com