Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA12230NT Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA12230NT
Description  Audio Signal Processor for Cassette Deck
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12230NT Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA12230NT Datasheet HTML 5Page - Renesas Technology Corp HA12230NT Datasheet HTML 6Page - Renesas Technology Corp HA12230NT Datasheet HTML 7Page - Renesas Technology Corp HA12230NT Datasheet HTML 8Page - Renesas Technology Corp HA12230NT Datasheet HTML 9Page - Renesas Technology Corp HA12230NT Datasheet HTML 10Page - Renesas Technology Corp HA12230NT Datasheet HTML 11Page - Renesas Technology Corp HA12230NT Datasheet HTML 12Page - Renesas Technology Corp HA12230NT Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
HA12230NT
Rev.6, Nov. 2000, page 7 of 32
Functional Description
Power Supply Voltage Range
HA12230NT is designed to operate on single supply, shown by table 1.
Table 1
Operating Power Supply Voltage
Item
Power Supply Voltage Range
Single Supply
6.5 V to 15.0 V
Reference Voltage
These devices provide the reference voltage of half the supply voltage that is the signal grounds. As the
peculiarity of these devices, the capacitor for the ripple filter is very small about 1/100 compared with their
usual value. The block diagram is shown as figure 1.
1
PB-EQ block
Rch REC-EQ block
Lch REC-EQ block
MS mixing Amp. block
Line Amp. block
VCC
17
2
1
µF
14
+
+
+
+
+
+
Figure 1 The Block Diagram of Reference Supply Voltage


Similar Part No. - HA12230NT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12230NT HITACHI-HA12230NT Datasheet
226Kb / 32P
   Audio Signal Processor for Cassette Deck
More results

Similar Description - HA12230NT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA12237F RENESAS-HA12237F Datasheet
316Kb / 33P
   Audio Signal Processor for Cassette Deck
logo
Hitachi Semiconductor
HA12207NT HITACHI-HA12207NT Datasheet
148Kb / 27P
   Audio Signal Processor for Cassette Deck
HA12206NT HITACHI-HA12206NT Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12219NT HITACHI-HA12219NT Datasheet
169Kb / 29P
   Audio Signal Processor for Cassette Deck
HA12230NT HITACHI-HA12230NT Datasheet
226Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12211NT HITACHI-HA12211NT Datasheet
204Kb / 34P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
HA12167FB HITACHI-HA12167FB Datasheet
524Kb / 73P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Renesas Technology Corp
HA12211NT RENESAS-HA12211NT Datasheet
401Kb / 36P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12209F HITACHI-HA12209F Datasheet
279Kb / 49P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com