Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA1631S01LP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA1631S01LP
Description  Single CMOS Comparator (Push Pull/Open Drain Output)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1631S01LP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA1631S01LP Datasheet HTML 1Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 2Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 3Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 4Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 5Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 6Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 7Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 8Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
HA1631S01/02/03/04 Series
Rev.2.00 Mar 10, 2006 page 4 of 22
Table of Graphs
Electrical Characteristics
HA1631S01
Figure
HA1631S02
Figure
HA1631S03
Figure
HA1631S04
Figure
Test
Circuit No.
vs. Supply voltage(Out H)
1-1
2-1
3-1
4-1
1
vs. Supply voltage(Out L)
1-2
2-2
3-2
4-2
2
Supply current
IDD
vs. Temperature(Out H)
1-3
2-3
3-3
4-3
1
Output high voltage
VOH
vs. Rload
1-18
2-18
3-4
4-4
4
Output source
current
IOSOURCE
vs. Output high voltage
1-4
2-4
5
Output low voltage
VOL
vs. Rload
1-17
2-17
3-14
4-14
6
Output sink current
IOSINK
vs. Output low voltage
1-5
2-5
3-4
4-4
5
vs. Supply voltage
1-6
2-6
3-5
4-5
8
Input offset voltage
VIO
vs. Temperature
1-7
2-7
3-6
4-6
7
Common mode input
voltage range
VCM
vs. Temperature
1-8
2-8
3-7
4-7
9
Power supply
rejection ratio
PSRR
vs. Supply voltage
1-9
2-9
3-8
4-8
11
Common mode
rejection ratio
CMRR
vs. Input voltage
1-10
2-10
3-9
4-9
12
vs. Temperature
1-11
2-11
3-10
4-10
10
Input bias current
IIB
vs. Input voltage
1-12
2-12
3-11
4-11
10
vs. Temperature
1-13
2-13
3-12
4-12
13
vs. Cload
1-15
2-15
3-13
4-13
13
Falling time
tf
Time waveform
1-20
2-20
3-15
4-15
13
vs. Temperature
1-14
2-14
13
vs. Cload
1-16
2-16
13
Rising time
tr
Time waveform
1-19
2-19
13
TPLH
Time waveform
1-21
2-21
13
Propagation delay
time
TPHL
Time waveform
1-22
2-22
3-16, 3-17
4-16, 4-17
13


Similar Part No. - HA1631S01LP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S01LP RENESAS-HA1631S01LP Datasheet
272Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
More results

Similar Description - HA1631S01LP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S01 RENESAS-HA1631S01 Datasheet
272Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01020304 RENESAS-HA1631S01020304_15 Datasheet
509Kb / 24P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01 Datasheet
627Kb / 27P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
logo
Texas Instruments
LMV7235 TI1-LMV7235 Datasheet
1Mb / 30P
[Old version datasheet]   Open-Drain and Push-Pull Output
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
   OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
   Push-Pull Output Comparator
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
   Open Drain Output Comparator
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
   1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com