Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT1089C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT1089C
Description  Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1089C Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT1089C Datasheet HTML 1Page - Renesas Technology Corp HAT1089C Datasheet HTML 2Page - Renesas Technology Corp HAT1089C Datasheet HTML 3Page - Renesas Technology Corp HAT1089C Datasheet HTML 4Page - Renesas Technology Corp HAT1089C Datasheet HTML 5Page - Renesas Technology Corp HAT1089C Datasheet HTML 6Page - Renesas Technology Corp HAT1089C Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HAT1089C
R07DS1170EJ0400 Rev.4.00
Page 4 of 6
Mar 19, 2014
250
200
150
100
50
–25
0
25
50
75
100 125
150
0
–0.01
–10
10
1.0
0.1
0.01
–0.1
–1.0
25
°C
Tc = –25
°C
75
°C
VDS = –10 V
Pulse Test
Pulse Test
0
–10
–20
1000
100
0
0
0
–2
–4
1.6
3.2
4.8
6.4
8.0
–8
1000
100
1
10
–0.1
–1.0
–10
10
ID = –2 A
VDD
Gate Charge
Qg (nC)
Dynamic Input Characteristics
Switching Characteristics
VDD = –5 V
–10 V
–20 V
VDD = –5 V
–10 V
–20 V
–5
–15
0
–0.4
–0.8
–1.2
–1.6
–2.0
–10
–4
VGS = –5 V
VGS = 0, 5 V
Pulse Test
–2
–6
–8
ID = –2 A
ID = –0.5 A
VGS = –2.5 V
–4
VGS = –4.5 V
ID = –1 A, –2 A, –0.5 A
Coss
Ciss
VGS = –4.5 V, VDD = 10 V
RG = 4.7 Ω, Ta = 25°C
td(off)
td(on)
tr
tf
ID = –1 A
VGS = 0
f = 1 MHz
Crss
Static Drain to Source on State Resistance
vs. Temperature
Forward Transfer Admittance vs.
Drain Current
Typical Capacitance vs.
Drain to Source Voltage
Case Temperature
Tc (
°C)
Drain Current
ID (A)
Drain to Source Voltage
VDS (V)
Drain Current
ID (A)
Reverse Drain Current vs.
Source to Drain Voltage
Source to Drain Voltage
VSD (V)


Similar Part No. - HAT1089C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1089C RENESAS-HAT1089C Datasheet
94Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1089C RENESAS-HAT1089C_15 Datasheet
94Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results

Similar Description - HAT1089C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
   Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
   Silicon P Channel MOS FET Power Switching
RQJ0302NGDQA RENESAS-RQJ0302NGDQA_11 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0202VGDQA RENESAS-RQJ0202VGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com