Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT1089C-EL-E Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT1089C-EL-E
Description  Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1089C-EL-E Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT1089C-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT1089C-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT1089C-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT1089C-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT1089C-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT1089C-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT1089C-EL-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HAT1089C
R07DS1170EJ0400 Rev.4.00
Page 2 of 6
Mar 19, 2014
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to Source breakdown voltage
V(BR)DSS
–20
V
ID = –10 mA, VGS = 0
Gate to Source breakdown voltage
V(BR)GSS
±12
V
IG =
±100 μA, VDS = 0
Gate to Source leakage current
IGSS
±10
μA
VGS =
±10 V, VDS = 0
Drain to Source leakage current
IDSS
–1
μA
VDS = –20 V, VGS = 0
Gate to Source cutoff voltage
VGS(th)
–0.4
–1.4
V
ID = –1 mA, VDS = –10 V
Note3
Drain to Source on state resistance
RDS(on)
79
103
m
Ω
ID = –1 A, VGS = –4.5 V
Note3
RDS(on)
120
168
m
Ω
ID = –1 A, VGS = –2.5 V
Note3
Forward transfer admittance
| yfs |
2
3.5
S
ID = –1 A, VDS = –10 V
Note3
Input capacitance
Ciss
365
pF
VDS = –10 V, VGS = 0,
f = 1 MHz
Output capacitance
Coss
105
pF
Reverse transfer capacitance
Crss
70
pF
Total gate charge
Qg
4.5
nC
VDS = –10 V, VGS = –4.5 V,
ID = –2 A
Gate to Source charge
Qgs
0.6
nC
Gate to Drain charge
Qgd
1.6
nC
Turn - on delay time
td(on)
15
ns
VDS = –10 V, VGS = –4.5 V,
ID = -–1 A, RL = 10
Ω,
Rg = 4.7
Ω
Rise time
tr
25
ns
Turn - off delay time
td(off)
35
ns
Fall time
tf
15
ns
Body - Drain diode forward voltage
VDF
–0.8
–1.1
V
IF = –2 A, VGS = 0
Notes: 3. Pulse test


Similar Part No. - HAT1089C-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1089C RENESAS-HAT1089C Datasheet
94Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1089C RENESAS-HAT1089C_15 Datasheet
94Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results

Similar Description - HAT1089C-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
   Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
   Silicon P Channel MOS FET Power Switching
RQJ0302NGDQA RENESAS-RQJ0302NGDQA_11 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0202VGDQA RENESAS-RQJ0202VGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com