Electronic Components Datasheet Search |
|
HA16114FP Datasheet(PDF) 8 Page - Renesas Technology Corp |
|
HA16114FP Datasheet(HTML) 8 Page - Renesas Technology Corp |
8 / 38 page HA16114P/PJ/FP/FPJ, HA16120FP/FPJ Rev.2.0, Sep.18.2003, page 8 of 37 1.2 External Synchronization These ICs have a sync input pin so that they can be synchronized to a primary-control AC/DC converter. Pulses from the secondary winding of the switching transformer should be dropped through a resistor voltage divider to the sync input pin. Synchronization takes place at the falling edge, which is optimal for multiple-output power supplies that synchronize with a flyback AC/DC converter. The sync input pin ( SYNC) is connected internally through a synchronizing circuit to the sawtooth oscillator to synchronize the sawtooth waveform (see figure 1.2). • Synchronization is with the falling edge of the external sync signal. • The frequency of the external sync signal must be in the range f OSC < fSYNC < fOSC × 2. • The duty cycle of the external sync signal must be in the range 5% < t 1/t2 < 50% (t1 = 300 ns Min). • With external synchronization, V TH' can be calculated as follows. fOSC fSYNC VTH' = (VTH − VTL) × + VTL Note: When not using external synchronization, connect the SYNC pin to the Vref pin. Sawtooth wave (fOSC) SYNC pin (fSYNC) Synchronized at falling edge VTH (1.6 V typ) VTL (1.0 V typ) VTH' Vref 1 V t1 t2 Figure 1.2 External Synchronization |
Similar Part No. - HA16114FP |
|
Similar Description - HA16114FP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |