Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2022R-EL-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT2022R-EL-E
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2022R-EL-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT2022R-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT2022R-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT2022R-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT2022R-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT2022R-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT2022R-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT2022R-EL-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HAT2022R
Rev.12.00 Sep 07, 2005 page 4 of 6
Case Temperature
Tc
(°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
0.05
0.04
0.01
0.02
0.03
–40
0
40
80
120
160
0
ID = 2 A, 5 A, 10 A
2 A, 5 A, 10 A
10 V
VGS = 4 V
0.2
0.5
1
2
5
10
20
50
20
5
10
2
0.5
1
25°C
Tc = –25°C
75°C
Pulse Test
VDS = 10 V
Pulse Test
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nc)
Dynamic Input Characteristics
0.2
0.5
1
2
5
10
20
500
200
100
20
50
10
5
di / dt = 20 A /
µs
VGS = 0, Ta = 25°C
010
20
30
40
50
10000
3000
1000
300
100
30
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
50
0
10
20
30
40
0
20
20
40
60
80
100
0
4
8
12
16
VGS
VDS
ID = 11 A
1000
500
200
50
100
20
10
0.5
1
2
5
10
20
0.2
tf
tr
td(off)
td(on)
Drain Current
ID (A)
Switching Characteristics
VDD = 5 V
10 V
25 V
VDD = 25 V
10 V
5 V
VGS = 4 V, VDD = 10 V
PW = 3
µs, duty ≤ 1 %


Similar Part No. - HAT2022R-EL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAT2022R HITACHI-HAT2022R Datasheet
50Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT2022R RENESAS-HAT2022R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT2022R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE_13 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com