Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16120FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HA16120FP
Description  Switching Regulator for Chopper Type DC/DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16120FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HA16120FP Datasheet HTML 4Page - Renesas Technology Corp HA16120FP Datasheet HTML 5Page - Renesas Technology Corp HA16120FP Datasheet HTML 6Page - Renesas Technology Corp HA16120FP Datasheet HTML 7Page - Renesas Technology Corp HA16120FP Datasheet HTML 8Page - Renesas Technology Corp HA16120FP Datasheet HTML 9Page - Renesas Technology Corp HA16120FP Datasheet HTML 10Page - Renesas Technology Corp HA16120FP Datasheet HTML 11Page - Renesas Technology Corp HA16120FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
HA16114P/PJ/FP/FPJ, HA16120FP/FPJ
Rev.2.0, Sep.18.2003, page 8 of 37
1.2 External Synchronization
These ICs have a sync input pin so that they can be synchronized to a primary-control AC/DC converter.
Pulses from the secondary winding of the switching transformer should be dropped through a resistor
voltage divider to the sync input pin. Synchronization takes place at the falling edge, which is optimal for
multiple-output power supplies that synchronize with a flyback AC/DC converter.
The sync input pin (
SYNC) is connected internally through a synchronizing circuit to the sawtooth
oscillator to synchronize the sawtooth waveform (see figure 1.2).
• Synchronization is with the falling edge of the external sync signal.
• The frequency of the external sync signal must be in the range f
OSC < fSYNC < fOSC × 2.
• The duty cycle of the external sync signal must be in the range 5% < t
1/t2 < 50% (t1 = 300 ns Min).
• With external synchronization, V
TH' can be calculated as follows.
fOSC
fSYNC
VTH' = (VTH − VTL) ×
+ VTL
Note:
When not using external synchronization, connect the
SYNC pin to the Vref pin.
Sawtooth wave
(fOSC)
SYNC pin
(fSYNC)
Synchronized
at falling edge
VTH (1.6 V typ)
VTL
(1.0 V typ)
VTH'
Vref
1 V
t1
t2
Figure 1.2 External Synchronization


Similar Part No. - HA16120FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16120FP HITACHI-HA16120FP Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
HA16120FPJ HITACHI-HA16120FPJ Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
More results

Similar Description - HA16120FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
   Switching Regulator, DC/DC Converter
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
   Switching Regulator, DC/DC Converter
2SK2266 TOSHIBA-2SK2266_09 Datasheet
441Kb / 6P
   Chopper Regulator, DC- DC Converter and Motor Drive
2SK4003 TOSHIBA-2SK4003_09 Datasheet
145Kb / 3P
   Chopper Regulator, DC-DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com