Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2024R-EL-E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAT2024R-EL-E
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2024R-EL-E Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAT2024R-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT2024R-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT2024R-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT2024R-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT2024R-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT2024R-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT2024R-EL-E Datasheet HTML 7Page - Renesas Technology Corp HAT2024R-EL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HAT2024R
Rev.5.00 Sep 07, 2005 page 5 of 7
Drain Current
ID
(A)
Switching Characteristics
500
100
200
50
10
20
5
0.2
0.5
1
2
5
10
0.1
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (1 Drive Operation)
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
0.001
0.0001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
PDM
PW
T
D =
PW
T
θch – f (t) = γ s (t) • θch – f
θch – f = 125°C/W, Ta = 25°C
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (2 Drive Operation)
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
0.001
0.0001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
PDM
PW
T
D =
PW
T
θch – f (t) = γ s (t) • θch – f
θch – f = 166°C/W, Ta = 25°C
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)
tf
tr
td(on)
td(off)
VGS = 4 V, VDD = 10 V
PW = 3
µs, duty ≤ 1 %


Similar Part No. - HAT2024R-EL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAT2024R HITACHI-HAT2024R Datasheet
54Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT2024R RENESAS-HAT2024R_15 Datasheet
116Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT2024R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE_13 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com