Electronic Components Datasheet Search |
|
M38035F9-XXXWG Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
M38035F9-XXXWG Datasheet(HTML) 6 Page - Renesas Technology Corp |
6 / 119 page Rev.1.01 Jan 25, 2008 Page 6 of 117 REJ03B0212-0101 3803 Group (Spec.L) PIN DESCRIPTION Table 2 Pin description Pin Name Functions Function except a port function VCC, VSS Power source • Apply voltage of 1.8 V − 5.5 V to VCC, and 0 V to VSS. In the flash memory version, apply voltage of 2.7 V − 5.5 V to VCC. CNVSS CNVSS input • This pin controls the operation mode of the chip. • Normally connected to VSS. VREF Reference voltage • Reference voltage input pin for A/D and D/A converters. AVSS Analog power source • Analog power source input pin for A/D and D/A converters. • Connect to VSS. RESET Reset input • Reset input pin for active “L”. XIN Main clock input • Input and output pins for the clock generating circuit. • Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set the oscillation frequency. • When an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open. XOUT Main clock output P00/AN8 − P07/AN15 I/O port P0 • 8-bit CMOS I/O port. • I/O direction register allows each pin to be individually programmed as either input or output. • CMOS compatible input level. • CMOS 3-state output structure. • Pull-up control is enabled in a bit unit. •P20 − P27 (8 bits) are enabled to output large current for LED drive. • A/D converter input pin P10/INT41 P11/INT01 I/O port P1 • Interrupt input pin P12 −P17 P20(LED0)- P27(LED7) I/O port P2 P30/DA1 P31 /DA2 I/O port P3 • 8-bit CMOS I/O port. • I/O direction register allows each pin to be individually programmed as either input or output. • CMOS compatible input level. •P30, P31, P34 − P37 are CMOS 3-state output structure. •P32, P33 are N-channel open-drain output structure. • Pull-up control of P30, P31, P34 − P37 is enabled in a bit unit. • D/A converter input pin P32, P33 P34/RXD3 P35/TXD3 P36/SCLK3 P37/SRDY3 • Serial I/O3 function pin P40/INT40 /XCOUT P41/INT00 /XCIN I/O port P4 • 8-bit CMOS I/O port. • I/O direction register allows each pin to be individually programmed as either input or output. • CMOS compatible input level. • CMOS 3-state output structure. • Pull-up control is enabled in a bit unit. • Interrupt input pin • Sub-clock generating I/O pin (resonator connected) P42/INT1 P43/INT2 • Interrupt input pin P44/RXD1 P45/TXD1 P46/SCLK1 • Serial I/O1 function pin P47/SRDY1/CNTR2 • Serial I/O1, timer Z function pin P50/SIN2 P51/SOUT2 P52/SCLK2 P53/SRDY2 I/O port P5 • Serial I/O2 function pin P54/CNTR0 • Timer X function pin P55/CNTR1 • Timer Y function pin P56/PWM • PWM output pin P57/INT3 • Interrupt input pin P60/AN0 − P67/AN7 I/O port P6 • A/D converter input pin |
Similar Part No. - M38035F9-XXXWG |
|
Similar Description - M38035F9-XXXWG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |