Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2137H Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT2137H
Description  Silicon N Channel Power MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2137H Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2137H Datasheet HTML 1Page - Renesas Technology Corp HAT2137H Datasheet HTML 2Page - Renesas Technology Corp HAT2137H Datasheet HTML 3Page - Renesas Technology Corp HAT2137H Datasheet HTML 4Page - Renesas Technology Corp HAT2137H Datasheet HTML 5Page - Renesas Technology Corp HAT2137H Datasheet HTML 6Page - Renesas Technology Corp HAT2137H Datasheet HTML 7Page - Renesas Technology Corp HAT2137H Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HAT2137H
Rev.4.00 Sep 07, 2005 page 3 of 7
Main Characteristics
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
50
0
10
20
30
40
0
2
468
10
50
0
10
20
30
40
012345
Tc = 75°C
25°C
–25°C
40
0
10
20
30
0
50
100
150
200
VDS = 10 V
Pulse Test
10 V
4 V
3.8 V
3.6 V
3.4 V
VGS = 3.2 V
Pulse Test
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
100
10
1
0.1
0.01
0.1
0.3
1
3
10
30
100
500
Tc = 25°C
1 shot Pulse
PW
= 10
ms
DC
Operation
1 ms
10
µs
100
µs
Operation in
this area is
limited by RDS (on)
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
500
0
100
200
300
400
04
8
12
16
20
Pulse Test
ID = 50 A
20 A
10 A
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
100
30
3
10
1
0.3
3
30
0.1
1
10
100
1000
300
VGS = 7 V
10 V
Pulse Test


Similar Part No. - HAT2137H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2137H RENESAS-HAT2137H_15 Datasheet
110Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2137H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com