Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2168H-EL-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT2168H-EL-E
Description  Silicon N Channel Power MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2168H-EL-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT2168H-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT2168H-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT2168H-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT2168H-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT2168H-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT2168H-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT2168H-EL-E Datasheet HTML 7Page - Renesas Technology Corp HAT2168H-EL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HAT2168H
Rev.7.00 Sep 20, 2005 page 4 of 7
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Drain Current
ID (A)
Switching Characteristics
Gate Charge
Qg (nc)
Dynamic Input Characteristics
20
16
12
8
4
-25
0
25
50
75
100
125 150
0
ID = 20 A
5 A, 10 A, 20 A
VGS = 4.5 V
10 V
Pulse Test
330
0.1
1
10
100
0.3
10
100
30
1
0.3
3
0.1
Tc = -25
°C
VDS = 10 V
Pulse Test
75
°C
25
°C
10 A, 5 A
0.1
0.3
1
3
10
30
100
20
50
10
0
5
10
15
20
30
25
10000
3000
1000
300
100
30
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
100
30
10
1
3
0.3
1
3
10
30
100
0.1
VGS = 10 V, VDS = 10 V
Rg = 4.7
, duty
≤ 1 %
tf
td(on)
100
50
40
30
20
10
0
20
16
12
8
4
816
24
32
40
0
ID = 30 A
VGS
VDS
VDD = 25 V
10 V
5 V
VDD = 25 V
10 V
5 V
di/dt = 100 A/
µs
VGS = 0, Ta = 25°C
td(off)
tr


Similar Part No. - HAT2168H-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2168H RENESAS-HAT2168H Datasheet
77Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
Rev.6.00 Jun.02.2003
HAT2168H RENESAS-HAT2168H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2168H-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com