Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB301M Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BB301M
Description  Built in Biasing Circuit MOS FET IC VHF RF Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB301M Datasheet(HTML) 5 Page - Renesas Technology Corp

  BB301M Datasheet HTML 1Page - Renesas Technology Corp BB301M Datasheet HTML 2Page - Renesas Technology Corp BB301M Datasheet HTML 3Page - Renesas Technology Corp BB301M Datasheet HTML 4Page - Renesas Technology Corp BB301M Datasheet HTML 5Page - Renesas Technology Corp BB301M Datasheet HTML 6Page - Renesas Technology Corp BB301M Datasheet HTML 7Page - Renesas Technology Corp BB301M Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BB301M
Rev.3.00 Aug 10, 2005 page 5 of 7
0
1
234
5
0
12
34
5
30
25
20
15
10
5
30
25
20
15
10
5
VDS = 5 V
RG = 82 kΩ
f = 1 kHz
VG2S = 1 V
4 V
3 V
2 V
4 V
3 V
VG2S = 1 V
VDS = 5 V
RG = 100 kΩ
f = 1 kHz
2 V
Forward Transfer Admittance
vs. Gate1 Voltage
Gate1 Voltage VG1 (V)
Forward Transfer Admittance
vs. Gate1 Voltage
Gate1 Voltage VG1 (V)
20
16
12
8
4
0
12
3
4
5
Forward Transfer Admittance
vs. Gate1 Voltage
Gate1 Voltage VG1 (V)
VDS = 5 V
RG = 150 kΩ
f = 1 kHz
VG2S = 1 V
4 V
3 V
2 V
Power Gain vs. Gate Resistance
30
25
20
15
10
5
0
10
20
50
100 200
500 1000
Gate Resistance RG (kΩ)
30
25
20
15
10
5
0
Power Gain vs. Drain Current
Drain Current ID (mA)
510
15
20
25
30
VDS = 5 V
VG1 = 5 V
VG2S = 4 V
RG = variable
f = 200 MHz
VDS = 5 V
VG1 = 5 V
VG2S = 4 V
f = 200 MHz
Noise Figure vs. Gate Resistance
0
Gate Resistance RG (kΩ)
4
3
2
1
10
20
50
100 200
500 1000
VDS = 5 V
VG1= 5 V
VG2S = 4 V
f = 200 MHz


Similar Part No. - BB301M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB301M HITACHI-BB301M Datasheet
46Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
More results

Similar Description - BB301M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB304C RENESAS-BB304C Datasheet
217Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB305C RENESAS-BB305C Datasheet
213Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB301C RENESAS-BB301C Datasheet
271Kb / 8P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB302M RENESAS-BB302M Datasheet
295Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB304M RENESAS-BB304M Datasheet
301Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
TBB1010 RENESAS-TBB1010_11 Datasheet
120Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_11 Datasheet
121Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1010 RENESAS-TBB1010_06 Datasheet
93Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016 Datasheet
104Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_15 Datasheet
182Kb / 11P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com