Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB304CDW-TL-E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BB304CDW-TL-E
Description  Built in Biasing Circuit MOS FET IC VHF RF Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB304CDW-TL-E Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button BB304CDW-TL-E Datasheet HTML 2Page - Renesas Technology Corp BB304CDW-TL-E Datasheet HTML 3Page - Renesas Technology Corp BB304CDW-TL-E Datasheet HTML 4Page - Renesas Technology Corp BB304CDW-TL-E Datasheet HTML 5Page - Renesas Technology Corp BB304CDW-TL-E Datasheet HTML 6Page - Renesas Technology Corp BB304CDW-TL-E Datasheet HTML 7Page - Renesas Technology Corp BB304CDW-TL-E Datasheet HTML 8Page - Renesas Technology Corp BB304CDW-TL-E Datasheet HTML 9Page - Renesas Technology Corp BB304CDW-TL-E Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BB304C
Rev.6.00 Aug 10, 2005 page 6 of 9
60
50
40
30
20
10
0
12
3
4
5
0
510
15
20
25
30
4
3
2
1
0
123
4
5
VDS = 9 V
VG1 = 9 V
VG2S = 6 V
RG = variable
f = 200 MHz
VDS = 9 V
VG1 = 9 V
VG2S = 6 V
RG = 470 kΩ
f = 200 MHz
30
25
20
15
10
5
0
0.1
0.2
0.5
1
2
5
10
VDS = 9 V
VG1 = 9 V
VG2S = 6 V
Drain Current vs. Gate Resistance
Gain Reduction vs.
Gate2 to Source Voltage
Input Capacitance vs.
Gate2 to Source Voltage
Noise Figure vs. Drain Current
Drain Current ID (mA)
6
7
6
6
5
4
3
2
1
VDS = 9 V
VG1 = 9 V
RG = 470 kΩ
f = 1 MHz
Gate Resistance RG (MΩ)
Gate2 to Source Voltage VG2S (V)
Gate2 to Source Voltage VG2S (V)


Similar Part No. - BB304CDW-TL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB304C HITACHI-BB304C Datasheet
67Kb / 12P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
More results

Similar Description - BB304CDW-TL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB305C RENESAS-BB305C Datasheet
213Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB301C RENESAS-BB301C Datasheet
271Kb / 8P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB301M RENESAS-BB301M Datasheet
181Kb / 8P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB302M RENESAS-BB302M Datasheet
295Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB304M RENESAS-BB304M Datasheet
301Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
TBB1010 RENESAS-TBB1010_11 Datasheet
120Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_11 Datasheet
121Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1010 RENESAS-TBB1010_06 Datasheet
93Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016 Datasheet
104Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_15 Datasheet
182Kb / 11P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com