Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB501C Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BB501C
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB501C Datasheet(HTML) 5 Page - Renesas Technology Corp

  BB501C Datasheet HTML 1Page - Renesas Technology Corp BB501C Datasheet HTML 2Page - Renesas Technology Corp BB501C Datasheet HTML 3Page - Renesas Technology Corp BB501C Datasheet HTML 4Page - Renesas Technology Corp BB501C Datasheet HTML 5Page - Renesas Technology Corp BB501C Datasheet HTML 6Page - Renesas Technology Corp BB501C Datasheet HTML 7Page - Renesas Technology Corp BB501C Datasheet HTML 8Page - Renesas Technology Corp BB501C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BB501C
Rev.6.00 Aug 10, 2005 page 5 of 9
0
12
3
4
5
30
24
18
12
6
VDS = 5 V
RG = 47 kΩ
f = 1 kHz
VG2S = 1 V
4 V
3 V
2 V
0
12
3
4
5
30
24
18
12
6
VDS = 5 V
RG = 68 kΩ
f = 1 kHz
VG2S = 1 V
4 V
3 V
2 V
Gate1 Voltage VG1 (V)
Forward Transfer Admittance
vs. Gate1 Voltage
Gate1 Voltage VG1 (V)
Forward Transfer Admittance
vs. Gate1 Voltage
0
510
15
20
4
3
2
1
0
10
20
50
100
0
5
10
15
20
30
25
20
15
10
5
0
10
100
20
50
30
25
20
15
10
5
0
VDS = VG1 = 5 V
VG2S = 4 V
RG = variable
f = 900 MHz
4
3
2
1
0
VDS = VG1 = 5 V
VG2S = 4 V
RG = variable
f = 900 MHz
VDS = VG1 = 5 V
VG2S = 4 V
f = 900 MHz
Drain Current ID (mA)
Gate Resistance RG (kΩ)
Noise Figure vs. Gate Resistance
Gate Resistance RG (kΩ)
Power Gain vs. Gate Resistance
Drain Current ID (mA)
Power Gain vs. Drain Current
Noise Figure vs. Drain Current
VDS = VG1 = 5 V
VG2S = 4 V
f = 900 MHz


Similar Part No. - BB501C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
More results

Similar Description - BB501C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB506M RENESAS-BB506M Datasheet
129Kb / 9P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB506C RENESAS-BB506C Datasheet
111Kb / 9P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502M RENESAS-BB502M Datasheet
216Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB506C RENESAS-BB506C_15 Datasheet
185Kb / 10P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB503M RENESAS-BB503M Datasheet
300Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502M RENESAS-BB502M_11 Datasheet
138Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502C RENESAS-BB502C Datasheet
118Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502C RENESAS-BB502C_11 Datasheet
145Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101C RENESAS-BB101C Datasheet
273Kb / 8P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101M RENESAS-BB101M Datasheet
274Kb / 8P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com