Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB503CCS-TL-E Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # BB503CCS-TL-E
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB503CCS-TL-E Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button BB503CCS-TL-E Datasheet HTML 3Page - Renesas Technology Corp BB503CCS-TL-E Datasheet HTML 4Page - Renesas Technology Corp BB503CCS-TL-E Datasheet HTML 5Page - Renesas Technology Corp BB503CCS-TL-E Datasheet HTML 6Page - Renesas Technology Corp BB503CCS-TL-E Datasheet HTML 7Page - Renesas Technology Corp BB503CCS-TL-E Datasheet HTML 8Page - Renesas Technology Corp BB503CCS-TL-E Datasheet HTML 9Page - Renesas Technology Corp BB503CCS-TL-E Datasheet HTML 10Page - Renesas Technology Corp BB503CCS-TL-E Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BB503C
Rev.5.00 Aug 10, 2005 page 8 of 10
VDS = 5 V , VG1 = 5 V
VG2S = 4 V , RG = 47 kΩ ,
Zo = 50
VDS = 5 V , VG1 = 5 V
VG2S = 4 V , RG = 47 kΩ ,
Zo = 50
VDS = 5 V , VG1 = 5 V
VG2S = 4 V , RG = 47 kΩ ,
Zo = 50
VDS = 5 V , VG1 = 5 V
VG2S = 4 V , RG = 47 kΩ ,
Zo = 50
Test Condition:
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Scale: 1 / div.
0
°
30
°
60
°
90
°
120
°
150
°
180
°
–150
°
–90
°
–60
°
–30
°
–120
°
Scale: 0.002 / div.
0
°
30
°
60
°
90
°
120
°
150
°
180
°
–150
°
–90
°
–60
°
–30
°
–120
°
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Test Condition:
50 to 1000 MHz (50 MHz step)
Test Condition:
50 to 1000 MHz (50 MHz step)
Test Condition:
50 to 1000 MHz (50 MHz step)
50 to 1000 MHz (50 MHz step)
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency


Similar Part No. - BB503CCS-TL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB503C HITACHI-BB503C Datasheet
64Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
More results

Similar Description - BB503CCS-TL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB506M RENESAS-BB506M Datasheet
129Kb / 9P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB501C RENESAS-BB501C Datasheet
198Kb / 10P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB506C RENESAS-BB506C Datasheet
111Kb / 9P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502M RENESAS-BB502M Datasheet
216Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB506C RENESAS-BB506C_15 Datasheet
185Kb / 10P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB503M RENESAS-BB503M Datasheet
300Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502M RENESAS-BB502M_11 Datasheet
138Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502C RENESAS-BB502C Datasheet
118Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502C RENESAS-BB502C_11 Datasheet
145Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101C RENESAS-BB101C Datasheet
273Kb / 8P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101M RENESAS-BB101M Datasheet
274Kb / 8P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com