Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR1AM-12-TB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR1AM-12-TB
Description  Triac Low Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR1AM-12-TB Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR1AM-12-TB Datasheet HTML 1Page - Renesas Technology Corp BCR1AM-12-TB Datasheet HTML 2Page - Renesas Technology Corp BCR1AM-12-TB Datasheet HTML 3Page - Renesas Technology Corp BCR1AM-12-TB Datasheet HTML 4Page - Renesas Technology Corp BCR1AM-12-TB Datasheet HTML 5Page - Renesas Technology Corp BCR1AM-12-TB Datasheet HTML 6Page - Renesas Technology Corp BCR1AM-12-TB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BCR1AM-12
Rev.1.00, Aug.20.2004, page 3 of 6
Performance Curves
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
Gate Characteristics
Gate Current (mA)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Maximum Transient Thermal
Impedance Characteristics
(Junction to case, Junction to ambient)
Conduction Time (Cycles at 60Hz)
4.4
2.4
0.8
0.4
1.2 1.6 2.0
2.8 3.2 3.6 4.0
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
100
25
101
4
2
37
102
42
5
37
4
6
8
10
0
10–1
23
100
57 101 23 5 7 102 23 5 7 103
101
7
5
3
2
100
7
5
3
2
7
5
3
2
10–2
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
101
23
10–1
57 100 23 5 7 101 23 5 7 102
103
7
5
3
2
102
7
5
3
2
7
5
3
2
100
23
102
57 103 23 5 7 104 23 5 7 105
Junction to ambient
Junction to case
Tj = 25°C
VGM = 6V
IFGT I
IRGT I
IRGT III
IFGT III
VGD = 0.1V
PG(AV)
= 0.1W
IGM
= 0.5A
PGM =
1W
Typical Example
Typical Example
IFGT I, IRGT I
IRGT III, IFGT III
VFGT I, VRGT I
VRGT III,VFGT III


Similar Part No. - BCR1AM-12-TB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR1AM-12 MITSUBISHI-BCR1AM-12 Datasheet
106Kb / 5P
   LOW POWER USE GLASS PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR1AM-12 POWEREX-BCR1AM-12 Datasheet
70Kb / 4P
   Lead-Mount Triac 1 Ampere/400-600 Volts
logo
Apollo Electron Co., Lt...
BCR1AM-12 APOLLOELECTRON-BCR1AM-12 Datasheet
1Mb / 6P
   Sensitive Triac
logo
Renesas Technology Corp
BCR1AM-12A RENESAS-BCR1AM-12A Datasheet
82Kb / 5P
   Triac Low Power Use
BCR1AM-12A RENESAS-BCR1AM-12A Datasheet
91Kb / 7P
   Triac Low Power Use
More results

Similar Description - BCR1AM-12-TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
   Triac Low Power Use
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
   Triac Low Power Use
BCR3PM-12L RENESAS-BCR3PM-12L Datasheet
121Kb / 7P
   Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12 Datasheet
120Kb / 7P
   Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
   Triac Low Power Use
BCR08AS-12 RENESAS-BCR08AS-12 Datasheet
146Kb / 8P
   Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
   Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
   Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A_15 Datasheet
126Kb / 8P
   Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B_15 Datasheet
144Kb / 10P
   Triac Low Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com