Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR2PM-12 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR2PM-12
Description  Triac Low Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR2PM-12 Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR2PM-12 Datasheet HTML 1Page - Renesas Technology Corp BCR2PM-12 Datasheet HTML 2Page - Renesas Technology Corp BCR2PM-12 Datasheet HTML 3Page - Renesas Technology Corp BCR2PM-12 Datasheet HTML 4Page - Renesas Technology Corp BCR2PM-12 Datasheet HTML 5Page - Renesas Technology Corp BCR2PM-12 Datasheet HTML 6Page - Renesas Technology Corp BCR2PM-12 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.1.00, Aug.20.2004, page 1 of 6
BCR2PM-12
Triac
Low Power Use
REJ03G0300-0100
Rev.1.00
Aug.20.2004
Features
• I
T (RMS) : 2 A
• V
DRM : 600 V
• I
RGTI, IRGTⅢ : 10 mA
• Non-Insulated Type
• Planar Passivation Type
Outline
2
2
1
1
3
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
TO-220F
Applications
Electric rice cooker, electric pot, and controller for other heater
Precautions on Usage
When the BCR2PM-12 is used, do not attach the heat radiating fin.
Maximum Ratings
Voltage class
Parameter
Symbol
12
Unit
Repetitive peak off-state voltage
Note1
VDRM
600
V
Non-repetitive peak off-state voltage
Note1
VDSM
720
V


Similar Part No. - BCR2PM-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
   Triac Low Power Use
logo
Inchange Semiconductor ...
BCR2PM-12RE ISC-BCR2PM-12RE Datasheet
219Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR2PM-12RE-A8 RENESAS-BCR2PM-12RE-A8 Datasheet
81Kb / 7P
   Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE_15 Datasheet
179Kb / 7P
   600V - 2A - Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12_15 Datasheet
139Kb / 9P
   Triac Low Power Use
More results

Similar Description - BCR2PM-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
   Triac Low Power Use
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
   Triac Low Power Use
BCR3PM-12L RENESAS-BCR3PM-12L Datasheet
121Kb / 7P
   Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
   Triac Low Power Use
BCR08AS-12 RENESAS-BCR08AS-12 Datasheet
146Kb / 8P
   Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
   Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
   Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A_15 Datasheet
126Kb / 8P
   Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B_15 Datasheet
144Kb / 10P
   Triac Low Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com