Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH10NC60FI Datasheet(PDF) 8 Page - STMicroelectronics

Part # STH10NC60FI
Description  N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH10NC60FI Datasheet(HTML) 8 Page - STMicroelectronics

  STH10NC60FI Datasheet HTML 1Page - STMicroelectronics STH10NC60FI Datasheet HTML 2Page - STMicroelectronics STH10NC60FI Datasheet HTML 3Page - STMicroelectronics STH10NC60FI Datasheet HTML 4Page - STMicroelectronics STH10NC60FI Datasheet HTML 5Page - STMicroelectronics STH10NC60FI Datasheet HTML 6Page - STMicroelectronics STH10NC60FI Datasheet HTML 7Page - STMicroelectronics STH10NC60FI Datasheet HTML 8Page - STMicroelectronics STH10NC60FI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
STW10NC60 / STH10NC60FI
8/9
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.35
5.65
0.211
0.222
C
3.30
3.80
0.130
0.150
D
2.90
3.10
0.114
0.122
D1
1.88
2.08
0.074
0.082
E
0.75
0.95
0.030
0.037
F
1.05
1.25
0.041
0.049
F2
1.50
1.70
0.059
0.067
F3
1.90
2.10
0.075
0.083
G
10.80
11.20
0.425
0.441
H
15.80
16.20
0.622
0.638
L
9
0.354
L1
20.80
21.20
0.819
0.835
L2
19.10
19.90
0.752
0.783
L3
22.80
23.60
0.898
0.929
L4
40.50
42.50
1.594
1.673
L5
4.85
5.25
0.191
0.207
L6
20.25
20.75
0.797
0.817
N
2.1
2.3
0.083
0.091
R
4.6
0.181
DIA
3.5
3.7
0.138
0.146
P025C/A
ISOWATT218 MECHANICAL DATA
- Weight : 4.9 g (typ.)
- Maximum Torque (applied to mounting flange) Recommended: 0.8 Nm; Maximum: 1 Nm
- The side of the dissipator must be flat within 80
µm


Similar Part No. - STH10NC60FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH10N80K5-2AG STMICROELECTRONICS-STH10N80K5-2AG Datasheet
424Kb / 14P
   Automotive-grade N-channel 800 V, 0.60 Ω typ., 8 A MDmesh K5 Power MOSFET in an H²PAK-2 package
Rev 1 - May 2020
STH10NA50 STMICROELECTRONICS-STH10NA50 Datasheet
243Kb / 11P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STH10NA50FI STMICROELECTRONICS-STH10NA50FI Datasheet
243Kb / 11P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results

Similar Description - STH10NC60FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
   N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
   N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
STB9NC60 STMICROELECTRONICS-STB9NC60 Datasheet
461Kb / 10P
   N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMesh?줚I MOSFET
STW10NB60 STMICROELECTRONICS-STW10NB60 Datasheet
93Kb / 8P
   N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
   N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
June 2002
STW20NC50 STMICROELECTRONICS-STW20NC50 Datasheet
249Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh?줚I MOSFET
STW15NB50 STMICROELECTRONICS-STW15NB50 Datasheet
110Kb / 9P
   N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
   N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh??MOSFET
STQ1HNC60 STMICROELECTRONICS-STQ1HNC60 Datasheet
116Kb / 6P
   N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh?줚I MOSFET
STW16NB60 STMICROELECTRONICS-STW16NB60 Datasheet
252Kb / 8P
   N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com