Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW11NB80 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STW11NB80
Description  N-CHANNEL 800V - 0.65ohm - 11A - T0-247 PowerMESH MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW11NB80 Datasheet(HTML) 2 Page - STMicroelectronics

  STW11NB80 Datasheet HTML 1Page - STMicroelectronics STW11NB80 Datasheet HTML 2Page - STMicroelectronics STW11NB80 Datasheet HTML 3Page - STMicroelectronics STW11NB80 Datasheet HTML 4Page - STMicroelectronics STW11NB80 Datasheet HTML 5Page - STMicroelectronics STW11NB80 Datasheet HTML 6Page - STMicroelectronics STW11NB80 Datasheet HTML 7Page - STMicroelectronics STW11NB80 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
0.66
oC/W
Rthj-amb
Rthc-sink
T l
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
30
0. 1
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Max Valu e
Unit
IAR
Avalanche Current , Repet itive or Not-Repet itive
(pulse width limited by Tj max)
11
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =50 V)
500
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS =0
800
V
IDSS
Zero G ate Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS = Max Rating
Tc =125
oC
1
50
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 30 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
VGS(th)
Gat e Threshold
Voltage
VDS =VGS
ID = 250
µA
345
V
RDS(on)
Static Drain-source O n
Resist ance
VGS =10 V
ID =5.5 A
0.65
0. 8
ID(o n)
On Stat e Drain Current
VDS >ID(o n) xRDS(on )max
VGS =10 V
11
A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
gfs (
∗)Forward
Transconduct ance
VDS >ID(o n) xRDS(on )max
ID =5.5 A
10
S
Ciss
Cos s
Crss
Input Capacitance
Out put Capacitance
Reverse T ransfer
Capacitance
VDS =25 V
f = 1 MHz
VGS = 0
2900
350
33
pF
pF
pF
STW11NB80
2/8


Similar Part No. - STW11NB80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW11NK100 ISC-STW11NK100 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-7
logo
STMicroelectronics
STW11NK100Z STMICROELECTRONICS-STW11NK100Z Datasheet
312Kb / 14P
   N-channel 1000V - 1.1廓 - 8.3A - TO-247 Zener - Protected SuperMESH??PowerMOSFET
logo
Inchange Semiconductor ...
STW11NK100Z ISC-STW11NK100Z Datasheet
348Kb / 2P
   N-Channel Power MOSFET
logo
STMicroelectronics
STW11NK90Z STMICROELECTRONICS-STW11NK90Z Datasheet
239Kb / 12P
   N-channel 900V - 0.82OHM - 9.2A - TO-247 Zener-protected SuperMESH Power MOSFET
STW11NM80 STMICROELECTRONICS-STW11NM80 Datasheet
582Kb / 14P
   N-CHANNEL 800V - 0.35ohm - 11A TO-220/FP/D2PAK/TO-247 MDmesh Power MOSFET
More results

Similar Description - STW11NB80

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMF80R650PB MGCHIP-MMF80R650PB Datasheet
1Mb / 10P
   800V 0.65ohm N-channel MOSFET
logo
STMicroelectronics
STW15NB50 STMICROELECTRONICS-STW15NB50 Datasheet
110Kb / 9P
   N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
   N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
STW7NB80 STMICROELECTRONICS-STW7NB80 Datasheet
88Kb / 8P
   N-CHANNEL 800V - 1.6ohm - 6.5A - TO-247 PowerMESH MOSFET
STW8NB80 STMICROELECTRONICS-STW8NB80 Datasheet
50Kb / 5P
   N - CHANNEL 800V - 1.2ohm - 7.5A - TO-247 PowerMESH MOSFET
STW9NB80 STMICROELECTRONICS-STW9NB80 Datasheet
86Kb / 8P
   N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
STW12NK80Z STMICROELECTRONICS-STW12NK80Z Datasheet
299Kb / 9P
   N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STU10NB80 STMICROELECTRONICS-STU10NB80 Datasheet
44Kb / 5P
   N - CHANNEL 800V - 0.65ohm - 10A - Max220 PowerMESHO MOSFET
STW7NC80Z STMICROELECTRONICS-STW7NC80Z Datasheet
248Kb / 8P
   N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW9NC80Z STMICROELECTRONICS-STW9NC80Z Datasheet
248Kb / 8P
   N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH?줚II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com