Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7P0601DL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # H7P0601DL
Description  Silicon P Channel MOS FET High Speed Power Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7P0601DL Datasheet(HTML) 1 Page - Renesas Technology Corp

  H7P0601DL Datasheet HTML 1Page - Renesas Technology Corp H7P0601DL Datasheet HTML 2Page - Renesas Technology Corp H7P0601DL Datasheet HTML 3Page - Renesas Technology Corp H7P0601DL Datasheet HTML 4Page - Renesas Technology Corp H7P0601DL Datasheet HTML 5Page - Renesas Technology Corp H7P0601DL Datasheet HTML 6Page - Renesas Technology Corp H7P0601DL Datasheet HTML 7Page - Renesas Technology Corp H7P0601DL Datasheet HTML 8Page - Renesas Technology Corp H7P0601DL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.1.00, Aug.05.2003, page 1 of 10
H7P0601DL, H7P0601DS
Silicon P Channel MOS FET
High Speed Power Switching
REJ03G0044-0100Z
Rev.1.00
Aug.05.2003
Features
• Low on-resistance
RDS(on) = 40 m
Ω typ.
• Low drive current
• 4.5 V gate drive device can driven from 5 V source
Outline
1 2
3
4
4
1 2
3
DPAK-2
DPAK-S
1. Gate
2. Drain
3. Source
4. Drain
H7P0601DL
H7P0601DS
D
G
S


Similar Part No. - H7P0601DL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
H7P0601DL ISC-H7P0601DL Datasheet
318Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Renesas Technology Corp
H7P0601DL RENESAS-H7P0601DL_15 Datasheet
119Kb / 13P
   Silicon P Channel MOS FET High Speed Power Switching
More results

Similar Description - H7P0601DL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com