Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16121FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA16121FP
Description  Switching Regulator for Chopper Type DC/DC Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16121FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HA16121FP Datasheet HTML 3Page - Renesas Technology Corp HA16121FP Datasheet HTML 4Page - Renesas Technology Corp HA16121FP Datasheet HTML 5Page - Renesas Technology Corp HA16121FP Datasheet HTML 6Page - Renesas Technology Corp HA16121FP Datasheet HTML 7Page - Renesas Technology Corp HA16121FP Datasheet HTML 8Page - Renesas Technology Corp HA16121FP Datasheet HTML 9Page - Renesas Technology Corp HA16121FP Datasheet HTML 10Page - Renesas Technology Corp HA16121FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
HA16116FP/FPJ, HA16121FP/FPJ
Rev.2.0, Sep.18.2003, page 7 of 33
Determining External Component Constants (pin usage)
Constant settings are explained for the following items.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
S.GND
CT
RT
IN(+)1
IN(
−)1
E/O1
DB1
CL1
OUT1
P.GND
S.VIN
Vref
TIM
ON/
OFF
IN(
−)2
E/O2
DB2
CL2
OUT2
P.VIN
1.
2.
3.
4.
5.
6.
7.
8.
Oscillator
frequency
(fOSC) setting
DC/DC converter
output voltage
setting and
error amp usage
Dead band duty
and soft start
setting
Output stage
circuit and
power MOS FET
driving method
Channel 1
Channel 2
Vref UVL and
OVP
Setting of inter-
mittent operation
timing when
overcurrent is
detected
ON/
OFF pin
usage
Overcurrent
detection value
setting
1. Oscillator Frequency (f
OSC) Setting
Figure 1.1 shows an equivalent circuit for the triangle wave oscillator.
VH
1.6 V typ
VL
1.0 V typ
t1
t2
1.1 V
1 : 2
CT
(external)
RT
(external)
RC
RB
RA
Vref (2.5 V)
CT charging
IO
IO
Discharging
Comparator
(3.3 V
IC internal circuits)
Inside the IC
RT
CT
Figure 1.1 Equivalent Circuit for the Triangle Wave Oscillator


Similar Part No. - HA16121FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16121FP HITACHI-HA16121FP Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
HA16121FPJ HITACHI-HA16121FPJ Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
More results

Similar Description - HA16121FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
   Switching Regulator, DC/DC Converter
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
   Switching Regulator, DC/DC Converter
2SK2266 TOSHIBA-2SK2266_09 Datasheet
441Kb / 6P
   Chopper Regulator, DC- DC Converter and Motor Drive
2SK4003 TOSHIBA-2SK4003_09 Datasheet
145Kb / 3P
   Chopper Regulator, DC-DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com