Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR10CS Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # BCR10CS
Description  MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10CS Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button BCR10CS Datasheet HTML 4Page - Renesas Technology Corp BCR10CS Datasheet HTML 5Page - Renesas Technology Corp BCR10CS Datasheet HTML 6Page - Renesas Technology Corp BCR10CS Datasheet HTML 7Page - Renesas Technology Corp BCR10CS Datasheet HTML 8Page - Renesas Technology Corp BCR10CS Datasheet HTML 9Page - Renesas Technology Corp BCR10CS Datasheet HTML 10Page - Renesas Technology Corp BCR10CS Datasheet HTML 11Page - Renesas Technology Corp BCR10CS Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Mar. 2002
The product guaranteed maximum junction
temperature 150
°C (See warning.)
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR10CS
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
7
5
3
2
100
23
5 7 101
101
7
7
5
3
2
23
5 7 102
100
7
5
3
2
100
23
5 7 101
101
7
7
5
3
2
23
5 7 102
100
101
103
102
7
5
3
2
100
23
5 7 101
7
5
3
2
23
5 7 102
4
4
44
IRGT III
IRGT I
IFGT I
BREAKOVER VOLTAGE VS.
RATE OF RISE OF
OFF-STATE VOLTAGE (Tj = 125
°C)
RATE OF RISE OF OFF-STATE VOLTAGE (V/
µs)
TYPICAL EXAMPLE
Tj = 125
°C
I QUADRANT
III QUADRANT
BREAKOVER VOLTAGE VS.
RATE OF RISE OF
OFF-STATE VOLTAGE (Tj = 150
°C)
RATE OF RISE OF OFF-STATE VOLTAGE (V/
µs)
TYPICAL EXAMPLE
Tj = 150
°C
I QUADRANT
III QUADRANT
COMMUTATION CHARACTERISTICS
(Tj = 125
°C)
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT (A /ms)
TYPICAL
EXAMPLE
Tj = 125
°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
I QUADRANT
III QUADRANT
MINIMUM
CHARAC-
TERISTICS
VALUE
SUPPLY
VOLTAGE
TIME
TIME
TIME
MAIN CURRENT
MAIN
VOLTAGE
(di/dt)c
VD
(dv/dt)c
COMMUTATION CHARACTERISTICS
(Tj = 150
°C)
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT (A /ms)
TYPICAL
EXAMPLE
Tj = 125
°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
SUPPLY
VOLTAGE
TIME
TIME
TIME
MAIN CURRENT
MAIN
VOLTAGE
(di/dt)c
VD
(dv/dt)c
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT (A /ms)
TYPICAL
EXAMPLE
Tj = 150
°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
I QUADRANT
III QUADRANT
MINIMUM
CHARAC-
TERISTICS
VALUE
SUPPLY
VOLTAGE
TIME
TIME
TIME
MAIN CURRENT
MAIN
VOLTAGE
(di/dt)c
VD
(dv/dt)c
GATE TRIGGER CURRENT VS.
GATE CURRENT PULSE WIDTH
GATE CURRENT PULSE WIDTH (
µs)
TYPICAL EXAMPLE


Similar Part No. - BCR10CS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR10CS MITSUBISHI-BCR10CS Datasheet
86Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR10CS POWEREX-BCR10CS Datasheet
86Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR10CS-12LA RENESAS-BCR10CS-12LA Datasheet
113Kb / 7P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LA-T11 RENESAS-BCR10CS-12LA-T11 Datasheet
113Kb / 7P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LB RENESAS-BCR10CS-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results

Similar Description - BCR10CS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16CS RENESAS-BCR16CS Datasheet
183Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR10PM RENESAS-BCR10PM Datasheet
193Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR08AS RENESAS-BCR08AS Datasheet
97Kb / 6P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR16CM RENESAS-BCR16CM Datasheet
190Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR5KM RENESAS-BCR5KM Datasheet
186Kb / 11P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR20KM RENESAS-BCR20KM Datasheet
177Kb / 12P
   MITSUBISHI SEMICONDUCTOR TRIAC
BCR08AM RENESAS-BCR08AM Datasheet
94Kb / 6P
   MITSUBISHI SEMICONDUCTOR
CR6CM RENESAS-CR6CM Datasheet
104Kb / 6P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
CR12AM RENESAS-CR12AM Datasheet
109Kb / 7P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
CR8AM RENESAS-CR8AM Datasheet
107Kb / 6P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com