Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR16CM Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # BCR16CM
Description  MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16CM Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button BCR16CM Datasheet HTML 4Page - Renesas Technology Corp BCR16CM Datasheet HTML 5Page - Renesas Technology Corp BCR16CM Datasheet HTML 6Page - Renesas Technology Corp BCR16CM Datasheet HTML 7Page - Renesas Technology Corp BCR16CM Datasheet HTML 8Page - Renesas Technology Corp BCR16CM Datasheet HTML 9Page - Renesas Technology Corp BCR16CM Datasheet HTML 10Page - Renesas Technology Corp BCR16CM Datasheet HTML 11Page - Renesas Technology Corp BCR16CM Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Mar. 2002
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR16CM
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
The product guaranteed maximum junction
temperature 150
°C (See warning.)
23
102
57 103
1.6
0
23
10–1
57 100 23 5 7 101 23 5 7 102
0.8
0.6
0.4
0.2
1.0
1.2
1.4
100
23
101
57 102 23 5 7 103 23 5 7 104
3
2
101
7
5
3
2
7
5
7
5
3
2
10–1
VGD = 0.1V
PGM = 5W
PG(AV) = 0.5W
VGM = 10V
VGT = 1.5V
IGM = 2A
IFGT I, IRGT I, IRGT III
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140 160
4
4
–40
0
40
80
120
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140 160
4
4
–40
0
40
80
120
IFGT I, IRGT I
IRGT III
40
30
15
10
5
35
25
20
0
20
0
24
8
6
1012141618
40
12
10
8
160
120
100
60
20
0
20
0
80
140
2
4
614 16 18
TYPICAL EXAMPLE
TYPICAL EXAMPLE
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
CURVES APPLY
REGARDLESS
OF CONDUCTION ANGLE
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
MAXIMUM ON-STATE POWER
DISSIPATION
RMS ON-STATE CURRENT (A)
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION TO CASE)
CONDUCTION TIME
(CYCLES AT 60Hz)
GATE CURRENT (mA)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
GATE CHARACTERISTICS
(
Ι, ΙΙ AND ΙΙΙ)


Similar Part No. - BCR16CM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR16CM MITSUBISHI-BCR16CM Datasheet
92Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR16CM POWEREX-BCR16CM Datasheet
81Kb / 6P
   Triac 16 Amperes/400-600 Volts
BCR16CM-12 POWEREX-BCR16CM-12 Datasheet
81Kb / 6P
   Triac 16 Amperes/400-600 Volts
BCR16CM-12L POWEREX-BCR16CM-12L Datasheet
81Kb / 6P
   Triac 16 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR16CM-12LA RENESAS-BCR16CM-12LA Datasheet
114Kb / 7P
   Triac Medium Power Use
More results

Similar Description - BCR16CM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16CS RENESAS-BCR16CS Datasheet
183Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR10PM RENESAS-BCR10PM Datasheet
193Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR08AS RENESAS-BCR08AS Datasheet
97Kb / 6P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR10CS RENESAS-BCR10CS Datasheet
184Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR5KM RENESAS-BCR5KM Datasheet
186Kb / 11P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR20KM RENESAS-BCR20KM Datasheet
177Kb / 12P
   MITSUBISHI SEMICONDUCTOR TRIAC
BCR08AM RENESAS-BCR08AM Datasheet
94Kb / 6P
   MITSUBISHI SEMICONDUCTOR
CR6CM RENESAS-CR6CM Datasheet
104Kb / 6P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
CR12AM RENESAS-CR12AM Datasheet
109Kb / 7P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
CR8AM RENESAS-CR8AM Datasheet
107Kb / 6P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com