Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR5KM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR5KM
Description  MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5KM Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR5KM Datasheet HTML 1Page - Renesas Technology Corp BCR5KM Datasheet HTML 2Page - Renesas Technology Corp BCR5KM Datasheet HTML 3Page - Renesas Technology Corp BCR5KM Datasheet HTML 4Page - Renesas Technology Corp BCR5KM Datasheet HTML 5Page - Renesas Technology Corp BCR5KM Datasheet HTML 6Page - Renesas Technology Corp BCR5KM Datasheet HTML 7Page - Renesas Technology Corp BCR5KM Datasheet HTML 8Page - Renesas Technology Corp BCR5KM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Mar. 2002
✽2. Measurement using the gate trigger characteristics measurement circuit.
✽3. High sensitivity (IGT
≤ 10mA) is also available. (IGT item ➀)
✽4. The contact thermal resistance Rth (c-f) in case of greasing is 0.5
°C/W.
IDRM
VTM
VFGT !
VRGT !
VRGT #
IFGT !
IRGT !
IRGT #
VGD
Rth (j-c)
Rth (j-a)
Tj=125
°C, VDRM applied
Tc=25
°C, ITM=7A, Instantaneous measurement
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=125
°C, VD=1/2VDRM
Junction to case ✽4
Junction to ambient
Unit
Repetitive peak off-state current
On-state voltage
Gate trigger voltage ✽2
Gate trigger current ✽2
Gate non-trigger voltage
Thermal resistance
Thermal resistance
Limits
Max.
2.0
1.5
1.5
1.5
1.5
15 ✽3
15 ✽3
15 ✽3
3.8
50
!
@
#
!
@
#
Typ.
Min.
0.2
mA
V
V
V
V
mA
mA
mA
V
°C/W
°C/W
Symbol
Parameter
Test conditions
ELECTRICAL CHARACTERISTICS
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR5KM
MEDIUM POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
PERFORMANCE CURVES
Refer to the page 6 as to the product guaranteed
maximum junction temperature 150
°C
3.8
0.6 1.0 1.4 1.8 2.2 2.6 3.0 3.4
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
Tj = 25
°C
100
23
5 7 101
40
20
23
5 7 102
44
60
80
100
30
10
50
70
90
0
MAXIMUM ON-STATE
CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE
CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)


Similar Part No. - BCR5KM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR5KM MITSUBISHI-BCR5KM Datasheet
49Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR5KM-12 RENESAS-BCR5KM-12 Datasheet
124Kb / 7P
   Triac Medium Power Use
BCR5KM-12LA RENESAS-BCR5KM-12LA Datasheet
147Kb / 8P
   Triac Medium Power Use
BCR5KM-12LA-A8 RENESAS-BCR5KM-12LA-A8 Datasheet
147Kb / 8P
   Triac Medium Power Use
BCR5KM-12LB RENESAS-BCR5KM-12LB Datasheet
137Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR5KM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16CS RENESAS-BCR16CS Datasheet
183Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR10PM RENESAS-BCR10PM Datasheet
193Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR08AS RENESAS-BCR08AS Datasheet
97Kb / 6P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR10CS RENESAS-BCR10CS Datasheet
184Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR16CM RENESAS-BCR16CM Datasheet
190Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR20KM RENESAS-BCR20KM Datasheet
177Kb / 12P
   MITSUBISHI SEMICONDUCTOR TRIAC
BCR08AM RENESAS-BCR08AM Datasheet
94Kb / 6P
   MITSUBISHI SEMICONDUCTOR
CR6CM RENESAS-CR6CM Datasheet
104Kb / 6P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
CR12AM RENESAS-CR12AM Datasheet
109Kb / 7P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
CR8AM RENESAS-CR8AM Datasheet
107Kb / 6P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com