Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17393BRP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA17393BRP
Description  Dual Comparators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17393BRP Datasheet(HTML) 7 Page - Renesas Technology Corp

  HA17393BRP Datasheet HTML 1Page - Renesas Technology Corp HA17393BRP Datasheet HTML 2Page - Renesas Technology Corp HA17393BRP Datasheet HTML 3Page - Renesas Technology Corp HA17393BRP Datasheet HTML 4Page - Renesas Technology Corp HA17393BRP Datasheet HTML 5Page - Renesas Technology Corp HA17393BRP Datasheet HTML 6Page - Renesas Technology Corp HA17393BRP Datasheet HTML 7Page - Renesas Technology Corp HA17393BRP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HA17393B Series
Rev.1.00 Dec 25, 2006 page 7 of 7
5
8
4
F
*1
*3
p
M
x
y
1
Index mark
D
Z
b
p
Terminal cross section
( Ni/Pd/Au plating )
b
1
Detail F
L
L
θ
0.75
0.10
1.27
5.80
6.20
0.40
0.34
A1
5.30
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
1.75
1.27
0.60
0.40
3.95
0.25
0.14
0.10
0.46
0.25
0.20
0.15
6.10
0.25
1.08
4.90
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
P-SOP8-3.95x4.9-1.27
0.085g
MASS[Typ.]
FP-8DCV
PRSP0008DD-C
RENESAS Code
JEITA Package Code
Previous Code


Similar Part No. - HA17393BRP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17393B RENESAS-HA17393B_15 Datasheet
303Kb / 10P
   Dual Comparators
More results

Similar Description - HA17393BRP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
logo
Ceramate Technical
CO393 CERAMATE-CO393 Datasheet
95Kb / 4P
   Dual comparators
logo
Renesas Technology Corp
HA17393B RENESAS-HA17393B_15 Datasheet
303Kb / 10P
   Dual Comparators
logo
Panasonic Semiconductor
AN6913 PANASONIC-AN6913 Datasheet
30Kb / 3P
   Dual Comparators
logo
Renesas Technology Corp
HA17903A RENESAS-HA17903A Datasheet
103Kb / 9P
   Dual Comparators
logo
Rohm
BA10393 ROHM-BA10393 Datasheet
52Kb / 4P
   Dual comparators
logo
Renesas Technology Corp
HA17393A RENESAS-HA17393A_15 Datasheet
130Kb / 11P
   Dual Comparators
HA17903A RENESAS-HA17903A_15 Datasheet
130Kb / 11P
   Dual Comparators
HA17393A RENESAS-HA17393A Datasheet
102Kb / 9P
   Dual Comparators
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com