Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17458 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA17458
Description  Dual Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17458 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA17458 Datasheet HTML 1Page - Renesas Technology Corp HA17458 Datasheet HTML 2Page - Renesas Technology Corp HA17458 Datasheet HTML 3Page - Renesas Technology Corp HA17458 Datasheet HTML 4Page - Renesas Technology Corp HA17458 Datasheet HTML 5Page - Renesas Technology Corp HA17458 Datasheet HTML 6Page - Renesas Technology Corp HA17458 Datasheet HTML 7Page - Renesas Technology Corp HA17458 Datasheet HTML 8Page - Renesas Technology Corp HA17458 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HA17458 Series
Rev.1.00 Jun 15, 2005 page 3 of 8
Absolute Maximum Ratings
(Ta = 25°C)
Ratings
Item
Symbol
HA17458
HA17458PS
HA17458F
HA17458FP
Unit
Supply voltage
VCC
+18
+18
+18
+18
V
VEE
–18
–18
–18
–18
V
Intput voltage
VIN*
3
±15
±15
±15
±15
V
Differential input voltage
VIN(diff)
±30
±30
±30
±30
V
Power dissipation
PT
670*
1
670*
1
385*
2
385*
2
mW
Operating temperature
Topr
–20 to +75
–20 to +75
–20 to +75
–20 to +75
°C
Storage temperature
Tstg
–55 to +125
–55 to +125
–55 to +125
–55 to +125
°C
Notes: 1. These are the allowable values up to Ta = 45 °C. Derate by 8.3mW/°C above that temperature.
2. These are the allowable values up to Ta = 31 °C mounting on 30% wiring density glass epoxy board. Derate
by 7.14mW/°C above that temperature.
3. If the supply voltage is less than ±15V, input voltage should be less than supply voltage.
Electrical Characteristics 1
(VCC = –VEE = 15V, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Input offset voltage
VIO
2.0
6.0
mV
RS
≤ 10kΩ
Input offset current
IIO
6
200
nA
Input bias current
IIB
30
500
nA
Line regulation
∆VIO/∆VCC
30
150
µV/V
RS
≤ 10kΩ
∆VIO/∆VEE
30
150
µV/V
RS
≤ 10kΩ
Voltage gain
AVD
86
100
dB
RL
≥ 2kΩ, Vout = ±10V
Common mode rejection ratio
CMR
70
90
dB
RS
≤ 10kΩ
Common mode input voltage range
VCM
±12
±13
V
Peak-to-peak output voltage
Vop-p
±12
±14
V
RL = 10k
Power dissipation
Pd
90
200
mW
No load, 2 channel
Slew rate
SR
0.6
V/
µs
AVD = 1
Input resistance
Rin
0.3
1.0
M
Input capacitance
Cin
6.0
pF
Output resistance
Rout
75
Electrical Characteristics 2
(VCC = –VEE = 15V, Ta = –20 to +75°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Input offset voltage
VIO
9.0
mV
RS
≤ 10kΩ
Input offset current
IIO
400
nA
Input bias current
IIB
1100
nA
Voltage gain
AVD
80
dB
RL
≥ 2kΩ, Vout = ±10V
Peak-to-peak output voltage
Vop-p
±10
±13
V
RL = 2k


Similar Part No. - HA17458

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
List of Unclassifed Man...
HA17458 ETC2-HA17458 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Hitachi Semiconductor
HA17458F HITACHI-HA17458F Datasheet
46Kb / 10P
   Dual Operational Amplifier
HA17458PS HITACHI-HA17458PS Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
Renesas Technology Corp
HA17458 RENESAS-HA17458_15 Datasheet
123Kb / 11P
   Dual Operational Amplifier
More results

Similar Description - HA17458

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com