Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37272M6 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M37272M6
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37272M6 Datasheet(HTML) 2 Page - Renesas Technology Corp

  M37272M6 Datasheet HTML 1Page - Renesas Technology Corp M37272M6 Datasheet HTML 2Page - Renesas Technology Corp M37272M6 Datasheet HTML 3Page - Renesas Technology Corp M37272M6 Datasheet HTML 4Page - Renesas Technology Corp M37272M6 Datasheet HTML 5Page - Renesas Technology Corp M37272M6 Datasheet HTML 6Page - Renesas Technology Corp M37272M6 Datasheet HTML 7Page - Renesas Technology Corp M37272M6 Datasheet HTML 8Page - Renesas Technology Corp M37272M6 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 143 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37272M6/M8–XXXSP/FP, M37272MA–XXXSP
M37272E8SP/FP, M37272EFSP
MITSUBISHI MICROCOMPUTERS
Rev. 1.5
1. DESCRIPTION
The M37272M6/M8-XXXSP/FP and M37272MA-XXXSP are single-
chip microcomputers designed with CMOS silicon gate technology.
They have a OSD, data slicer, and I2C-BUS interface, so it is useful
for a channel selection system for TV with a closed caption decoder.
The features of the M37272E8SP/FP and M37272EFSP are similar
to those of the M37272M6-XXXSP except that the chip has a built-in
PROM which can be written electrically. The difference between
M37272M6-XXXSP/FP, M37272M8-XXXSP/FP and M37272MA-
XXXSP are the ROM size and RAM size. Accordingly, the following
descriptions will be for the M37272M6-XXXSP/FP.
2. FEATURES
qNumber of basic instructions .................................................... 71
qMemory size
ROM .............. 24K bytes
(M37272M6-XXXSP/FP)
32K bytes
(M37272M8-XXXSP/FP, M37272E8SP/FP)
40K bytes
(M37272MA-XXXSP)
60K bytes
(M37272EFSP)
RAM ............... 1024 bytes
(M37272M6-XXXSP/FP)
1152 bytes
(M37272M8-XXXSP/FP, M37272E8SP/FP)
1472 bytes
(M37272MA-XXXSP, M37272EFSP)
(*ROM correction memory included)
qMinimum instruction execution time
......................................... 0.5
µs (at 8 MHz oscillation frequency)
qPower source voltage ................................................. 5 V ± 10 %
qSubroutine nesting ............................................. 128 levels (Max.)
qInterrupts ....................................................... 17 types, 16 vectors
q8-bit timers .................................................................................. 6
qProgrammable I/O ports (Ports P0, P1, P2, P30, P31) ............. 26
qInput ports (Ports P50, P51) ........................................................ 2
qOutput ports (Ports P52–P55) ..................................................... 4
q12 V withstand ports ................................................................... 6
qLED drive ports ........................................................................... 4
qSerial I/O ............................................................ 8-bit ! 1 channel
qMulti-master I2C-BUS interface .............................. 1 (2 systems)
qA-D comparator (6-bit resolution) ................................ 6 channels
qPWM output circuit ......................................................... 8-bit ! 6
qPower dissipation
In high-speed mode ......................................................... 165 mW
(at VCC = 5.5V, 8 MHz oscillation frequency, OSD on, and Data
slicer on)
In low-speed mode ......................................................... 0.33 mW
(at VCC = 5.5V, 32 kHz oscillation frequency)
qROM correction function ................................................ 2 vectors
qClosed caption data slicer
qOSD function
Display characters ................................... 32 characters ! 2 lines
(It is possible to display 3 lines or more by software)
Kinds of characters ........................................................ 254 kinds
Character display area ............................ CC mode: 16 ! 26 dots
OSD mode: 16 ! 20 dots
Kinds of character sizes ..................................... CC mode: 1 kind
OSD mode: 8 kinds
Kinds of character colors .................................. 8 colors (R, G, B)
Coloring unit ................... character, character background, raster
Display position
Horizontal: 128 levels
Vertical: 512 levels
Attribute ........................................................................................
CC mode: smooth italic, underline, flash, automatic solid space
OSD mode: border
Smoth roll-up
Window function
3. APPLICATION
TV with a closed caption decoder


Similar Part No. - M37272M6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37272M6 MITSUBISHI-M37272M6 Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER????
M37272M6-205SP MITSUBISHI-M37272M6-205SP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER????
M37272M6H MITSUBISHI-M37272M6H Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M37272M6H RENESAS-M37272M6H Datasheet
1Mb / 132P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37272M6H-052FP MITSUBISHI-M37272M6H-052FP Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results

Similar Description - M37272M6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com