Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZK6BL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HZK6BL
Description  Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZK6BL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HZK6BL Datasheet HTML 1Page - Renesas Technology Corp HZK6BL Datasheet HTML 2Page - Renesas Technology Corp HZK6BL Datasheet HTML 3Page - Renesas Technology Corp HZK6BL Datasheet HTML 4Page - Renesas Technology Corp HZK6BL Datasheet HTML 5Page - Renesas Technology Corp HZK6BL Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.3.00, May.14.2003, page 1 of 6
HZK-L Series
Silicon Epitaxial Planar Zener Diodes for
Stabilized Power Supply
REJ03G0019-0300Z
(Previous: ADE-208-127B)
Rev.3.00
May.14.2003
Features
• Low leakage, low zener impedance and maximum power dissipation of 400 mW.
• Wide spectrum from 5.2V through 38V of zener voltage provide flexible application.
• LLD package is suitable for high density surface mounting and high speed assembly.
Ordering Information
Type No.
Mark
Package Code
HZK-L Series
Color Code
LLD
Pin Arrangement
1. Cathode
2. Anode
12
Cathode band
3rd. band
2nd. band
12
Cathode band
3rd. band
2nd. band


Similar Part No. - HZK6BL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZK6BL HITACHI-HZK6BL Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
More results

Similar Description - HZK6BL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
1N4728A RENESAS-1N4728A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
HZS-N RENESAS-HZS-N Datasheet
57Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com