Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3T-SSOP42B-450 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M3T-SSOP42B-450
Description  Direct Dummy IC for 42-pin 0.8mm-pitch SSOP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3T-SSOP42B-450 Datasheet(HTML) 1 Page - Renesas Technology Corp

  M3T-SSOP42B-450 Datasheet HTML 1Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
Function
This accessory tool connects the probe of an emulation pod and the
target, or an MCU and the target. Its dimensions are the same as
those of the MCU for the 42-pin 0.8mm-pitch SSOP (42P2R-A)
package.
It consists of parts (1) to (3) shown in the diagram below.
Attaching Procedure
This converter can be used during debugging and board-mounted
evaluation in common.
When debugging
(1) Mount a socket on the foot pattern on the target.
(2) On top of it, mount the M3T-SSOP42B-450 and a socket
frame in that order.
(3) Then connect the probe of the emulation pod, etc. to the
connector provided at the top of the M3T-SSOP42B-450.
During board-mounted evaluation
Mount an MCU and a socket frame on a socket on the target in that
order.
*
: Position of No. 1 pin
Dimensions
① denotes pin numbers on the M3T-SSOP42B-450.
1 denotes pin numbers of the top of a connector.
Symbol
Term
Dimensions [mm]
A
Fitting height
4.2
b
Pin width
0.3
D
Package length
8.4
E
Package width
17.5
e
Interval in row of pins
0.8
HD
Overall length
12.4
Foot Pattern Reference Dimensions
See Appendix D "Reference Dimensional Drawings for SSOP
Package Foot Pattern Made by Matsushita Electric Works, Ltd."
[Ordering Information] See Appendix H "Ordering Information".
M3T-SSOP42B-450
Direct Dummy IC for 42-pin 0.8mm-pitch SSOP


Similar Part No. - M3T-SSOP42B-450

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-SSOP36B-450 RENESAS-M3T-SSOP36B-450 Datasheet
111Kb / 1P
   Direct Dummy IC for 36-pin 0.8mm-pitch SSOP
More results

Similar Description - M3T-SSOP42B-450

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-DCT42B-450 RENESAS-M3T-DCT42B-450 Datasheet
123Kb / 1P
   Direct Dummy IC for 42-pin 0.8mm-pitch SSOP
M3T-SSOP36B-450 RENESAS-M3T-SSOP36B-450 Datasheet
111Kb / 1P
   Direct Dummy IC for 36-pin 0.8mm-pitch SSOP
M3T-DIRECT80S RENESAS-M3T-DIRECT80S Datasheet
106Kb / 1P
   Direct Dummy IC for 80-pin 0.65mm-pitch SSOP
M3T-DUMMY80 RENESAS-M3T-DUMMY80 Datasheet
168Kb / 1P
   Dummy IC for 80-pin 0.8mm-pitch QFP (80P6N-A)
M3T-DUMMY64 RENESAS-M3T-DUMMY64 Datasheet
125Kb / 1P
   Dummy IC for 64-pin 0.8mm-pitch QFP (64P6N-A)
M3T-DIRECT100S RENESAS-M3T-DIRECT100S Datasheet
108Kb / 1P
   Direct Dummy IC for 100-pin 0.65mm-pitch QFP
PCA4907 RENESAS-PCA4907 Datasheet
137Kb / 1P
   Converter for Connecting 42-pin RSS Type Emulator MCU to 56-pin 0.8mm-pitch QFP
M3T-DUMMY100S RENESAS-M3T-DUMMY100S Datasheet
153Kb / 1P
   Dummy IC for 100-pin 0.65mm-pitch QFP (100P6S-A, 100P6S-E)
PCA4913 RENESAS-PCA4913 Datasheet
172Kb / 1P
   Converter for Connecting 42-pin RSS Type Emulator MCU to 44-pin 0.8mm-pitch QFP
PCA4688A RENESAS-PCA4688A Datasheet
348Kb / 1P
   Converter for Connecting 80-pin 0.8mm-pitch QFP to 80-pin 0.8mm-pitch LCC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com