Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5Y5636TG-22 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M5M5Y5636TG-22
Description  18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5Y5636TG-22 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M5M5Y5636TG-22 Datasheet HTML 2Page - Renesas Technology Corp M5M5Y5636TG-22 Datasheet HTML 3Page - Renesas Technology Corp M5M5Y5636TG-22 Datasheet HTML 4Page - Renesas Technology Corp M5M5Y5636TG-22 Datasheet HTML 5Page - Renesas Technology Corp M5M5Y5636TG-22 Datasheet HTML 6Page - Renesas Technology Corp M5M5Y5636TG-22 Datasheet HTML 7Page - Renesas Technology Corp M5M5Y5636TG-22 Datasheet HTML 8Page - Renesas Technology Corp M5M5Y5636TG-22 Datasheet HTML 9Page - Renesas Technology Corp M5M5Y5636TG-22 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MITSUBISHI LSIs
M5M5Y5636TG – 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
5/29
Preliminary
M5M5Y5636TG REV.0.6
Read Operation
Pipelined Read
Read operation is initiated when the following conditions are satisfied at the rising edge of clock: All three chip enables (E1#, E2 and
E3) are active, the write enable input signal (W#) is deasserted high, and ADV is asserted low. The address presented to the address
inputs is latched into the address register and presented to the memory core and control logic. The control logic determines that a read
access is in progress and allows the requested data to propagate to the input of the output register. At the next rising edge of clock the
read data is allowed to propagate through the output register and onto the output pins.
CLK
A
B
C
D
E
ADD
E1#
ADV
W#
BWx#
DQ
CQ
Q(A)
Q(B)
Q(C)
Read A
Deselect
Read B
Read C
Read D
Read E


Similar Part No. - M5M5Y5636TG-22

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5Y5636TG-22 MITSUBISHI-M5M5Y5636TG-22 Datasheet
212Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
M5M5Y5636TG-22 MITSUBISHI-M5M5Y5636TG-22 Datasheet
242Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
More results

Similar Description - M5M5Y5636TG-22

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V5636GP16 MITSUBISHI-M5M5V5636GP16 Datasheet
262Kb / 17P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
M5M5Y5636TG-25 MITSUBISHI-M5M5Y5636TG-25 Datasheet
242Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5T5636UG RENESAS-M5M5T5636UG_15 Datasheet
542Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5T5636GP-20 MITSUBISHI-M5M5T5636GP-20 Datasheet
257Kb / 17P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5V5636UG RENESAS-M5M5V5636UG_15 Datasheet
928Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5T5636UG-25 MITSUBISHI-M5M5T5636UG-25 Datasheet
291Kb / 23P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5V5636GP-16I RENESAS-M5M5V5636GP-16I Datasheet
486Kb / 18P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
M5M5V5636GP-16 RENESAS-M5M5V5636GP-16 Datasheet
692Kb / 18P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5Y5636TG-25 MITSUBISHI-M5M5Y5636TG-25 Datasheet
212Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5T5636GP RENESAS-M5M5T5636GP_15 Datasheet
456Kb / 20P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com