Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7080KAI-TRL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7080KAI-TRL
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7080KAI-TRL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7080KAI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APW7080KAI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APW7080KAI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW7080KAI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW7080KAI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW7080KAI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW7080KAI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW7080KAI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW7080KAI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Jun., 2008
APW7080
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APW7080
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SOFT-START, ENABLE, AND INPUT CURRENTS (Cont.)
P-channel Power MOSFET
Leakage Current
VEN = 0V, VLX = 0V, VIN = 26V
-
-
4
µA
IFB
FB Pin Input Current
VFB = 0.8V
-100
-
+100
nA
IEN
EN Pin Input Current
VEN < 3V
-500
-
+500
nA
Refer to the typical application circuits. These specifications apply over V
IN=12V, VOUT=3.3V and TA= -40 ~ 85
oC, unless otherwise
specified. V
CC is regulated by an internal regulator. Typical values are at TA=25
oC.


Similar Part No. - APW7080KAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
   5A, 26V, 380kHz, Synchronous Step-Down Converter
APW7083QBI-TRG ANPEC-APW7083QBI-TRG Datasheet
428Kb / 22P
   5A, 26V, 380kHz, Synchronous Step-Down Converter
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
   2A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7085KI-TRG ANPEC-APW7085KI-TRG Datasheet
499Kb / 24P
   2A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - APW7080KAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7089 ANPEC-APW7089 Datasheet
569Kb / 24P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
   2A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
   5A, 26V, 380kHz, Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
   23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
   23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
logo
Monolithic Power System...
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
   3A, 23V, 380KHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3454 EUTECH-EUP3454 Datasheet
125Kb / 1P
   2A,16V,380KHz Step-Down Converter
logo
Monolithic Power System...
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
   2A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
   2A, 23V, 380KHz Step-Down Converter
logo
Feeling Technology Corp...
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
   2A, 23V, 380KHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com