Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7101-18BI-TRL Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7101-18BI-TRL
Description  1.5MHz, 600mA, Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7101-18BI-TRL Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7101-18BI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2008
APW7101
www.anpec.com.tw
9
Function Description
Main Control Loop
The APW7101 uses a constant frequency, current mode
step-down architecture. Both the main and synchro-
nous switches are internal to reduce the external
components. During normal operation, the internal
PMOSFET is turned on, but is turned off when the induc-
tor current at the input of I
COMP to reset the RS latch. The
load current increases, it causes a slight decrease in
the feedback voltage, which in turn, causes the EA’s out-
put voltage to increase until the average inductor current
matches the new load current. While the internal power
PMOSFET is off, the internal power NMOSFET is turned
on until the inductor current starts to reverse, as indicated
by the current reversal comparator I
RCMP, or the beginning
of next cycle. When the NMOSFET is turned off by I
RCMP, it
operates in the discontinuous conduction mode.
Pulse Skipping Mode Operation
At light load with a relative small inductance, the in-
ductor current may reach zero. The internal power
NMOSFET is turned off by the current reversal comparator,
I
RCMP, and the switching voltage will ring. This is discon-
tinuous mode operation, and is normal behavior for the
switching regulator. At very light load, the APW7101 will
automatically skip some pulses in the pulse skipping
mode to maintain the output regulation. The skipping pro-
cess modulates smoothly depend on the load.
Short Circuit Protection
In the short circuit situation, the output voltage is al-
most zero volts. Output current is limited by the I
COMP to
prevent the damage of electrical circuit. In the normal
operation, the two straight line of the inductor current
ripple have the same height, it means the volts-sec-
onds product is the same. When the short circuit opera-
tion occurs, the output voltage down to zero leads to the
voltage across the inductor maximum in the on period and
the voltage across the inductor minimum in the off period.
In order to maintain the volts-seconds balance, the off-
time must be extended to prevent the inductor current run
away. Frequency decay will extend the switching period
to provide more times to the off-period, then the inductor
An important detail to remember is that on resistance of
PMOSFET switch will increase at low input supply voltage.
Therefore, the user should calculate the power dissipa-
tion when the APW7101 is used at 100% duty cycle with
low input voltage.
Slope Compensation
Slope compensation provides stability in constant fre-
quency current mode architecture by preventing sub-
harmonic oscillations at high duty cycle. It is accom-
plished internally by adding a compensating ramp to the
inductor current signal at duty cycle in excess of 40%.
Normally, this results in a reduction of maximum induc-
tor peak current for duty cycles greater than 40%. In the
APW7101, the reduction of inductor peak current recov-
ered by a special skill at high duty ratio. This allows the
maximum inductor peak current maintain a constant level
through all duty ratio.
current has to restrict to protect the electrical circuit in the
short situation.
Dropout Operation
As the input supply voltage decreases to a value ap-
proaching the output voltage, the duty cycle increases to-
ward the maximum on time. Further reduction of the sup-
ply voltage forces the main switch to remain on for more
than one cycle until it reaches 100% duty cycle. The out-
put voltage will then be determined by the input volt-
age minus the voltage drop across the PMOSFET and the
inductor.


Similar Part No. - APW7101-18BI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104ABI-TRG ANPEC-APW7104ABI-TRG Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104BI-TRG ANPEC-APW7104BI-TRG Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104BTI-TRG ANPEC-APW7104BTI-TRG Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
More results

Similar Description - APW7101-18BI-TRL

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com