Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7101-18BI-TRL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7101-18BI-TRL
Description  1.5MHz, 600mA, Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7101-18BI-TRL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7101-18BI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW7101-18BI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2008
APW7101
www.anpec.com.tw
5
0
100
200
300
400
500
600
700
-50
-25
0
25
50
75
100
125
NMOS
PMOS
1200
1300
1400
1500
1600
1700
1800
2
3
4
5
6
1200
1300
1400
1500
1600
1700
1800
-50
-25
0
25
50
75
100
125
0.585
0.590
0.595
0.600
0.605
0.610
0.615
-50
-25
0
25
50
75
100
125
Typical Operating Characteristics
Temperature (o C)
Temperature (o C)
Oscillator Frequency
Reference Voltage
Temperature (o C)
Supply Voltage (V)
RDS(ON) vs Temperature
Oscillator Frequency vs Supply Voltage
VIN=5.5V
VIN=5.5V
VIN=2.5V
VIN=2.5V
TA=25o C
VIN=2.7V
VIN=2.7V
VIN=3.6V
VIN=3.6V
VIN=4.2V
VIN=4.2V
V
IN=3.6V


Similar Part No. - APW7101-18BI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104ABI-TRG ANPEC-APW7104ABI-TRG Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104BI-TRG ANPEC-APW7104BI-TRG Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104BTI-TRG ANPEC-APW7104BTI-TRG Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
More results

Similar Description - APW7101-18BI-TRL

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com