Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7136C Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW7136C
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7136C Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW7136C Datasheet HTML 6Page - Anpec Electronics Coropration APW7136C Datasheet HTML 7Page - Anpec Electronics Coropration APW7136C Datasheet HTML 8Page - Anpec Electronics Coropration APW7136C Datasheet HTML 9Page - Anpec Electronics Coropration APW7136C Datasheet HTML 10Page - Anpec Electronics Coropration APW7136C Datasheet HTML 11Page - Anpec Electronics Coropration APW7136C Datasheet HTML 12Page - Anpec Electronics Coropration APW7136C Datasheet HTML 13Page - Anpec Electronics Coropration APW7136C Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2008
APW7136A/B/C
www.anpec.com.tw
10
Application Information
Input Capacitor Selection
The input capacitor (C
IN) reduces the ripple of the input
current drawn from the input supply and reduces noise
injection into the IC. The reflected ripple voltage will be
smaller when an input capacitor with larger capacitance
is used. For reliable operation, it is recommended to
select the capacitor with maximum voltage rating at least
1.2 times of the maximum input voltage. The capacitors
should be placed close to the VIN and GND.
Inductor Selection
Selecting an inductor with low dc resistance reduces con-
duction losses and achieves high efficiency. The efficiency
is moderated whilst using small chip inductor which op-
erates with higher inductor core losses. Therefore, it is
necessary to take further consideration while choosing
an adequate inductor. Mainly, the inductor value deter-
mines the inductor ripple current: larger inductor value
results in smaller inductor ripple current and lower con-
duction losses of the converter. However, larger inductor
value generates slower load transient response. A rea-
sonable design rule is to set the ripple current,
∆I
L, to be
30% to 50% of the maximum average inductor current,
I
L(AVG). The inductor value can be obtained as below,
where
V
IN = input voltage
V
OUT = output voltage
F
SW = switching frequency in MHz
I
OUT = maximum output current in amp.
η = Efficiency
∆I
L /IL(AVG) = inductor ripple current/average current
(0.3 to 0.5 typical)
To avoid saturation of the inductor, the inductor should be
rated at least for the maximum input current of the con-
verter plus the inductor ripple current. The maximum in-
put current is calculated as below:
η
=
IN
OUT
)
MAX
(
OUT
)
MAX
(
IN
V
V
I
I
The peak inductor current is calculated as the following
equation:
(
)
SW
OUT
IN
OUT
IN
)
MAX
(
IN
PEAK
F
L
V
V
V
V
2
1
I
I
+
=
Output Capacitor Selection
The current-mode control scheme of the APW7136 al-
lows the usage of tiny ceramic capacitors. The higher
capacitor value provides good load transients response.
Ceramic capacitors with low ESR values have the lowest
output voltage ripple and are recommended. If required,
tantalum capacitors may be used as well. The output ripple
is the sum of the voltages across the ESR and the ideal
output capacitor.
where I
PEAK is the peak inductor current.
Δ V
OUT = Δ VESR + Δ VCOUT


SW
OUT
IN
OUT
OUT
OUT
COUT
F
V
V
V
C
I
V
ESR
PEAK
ESR
R
I
V
V
IN
V
OUT
I
L
N-FET
LX
I
OUT
I
SW
C
IN
C
OUT
I
IN
D1
ESR
I
LIM
I
L
I
PEAK
I
IN
I
OUT
I
SW
I
D
∆I
L
(
)
 ∆
η
×
×


AVG
L
L
)
MAX
(
OUT
SW
IN
OUT
2
OUT
IN
I
I
I
F
V
V
V
V
L


Similar Part No. - APW7136C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7136C ANPEC-APW7136C Datasheet
359Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7136CCI-TRG ANPEC-APW7136CCI-TRG Datasheet
359Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7136CCITRG ANPEC-APW7136CCITRG Datasheet
359Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
More results

Similar Description - APW7136C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7136A ANPEC-APW7136A_10 Datasheet
359Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
TECHCODE SEMICONDUCTOR,...
TD8202 TECHCODE-TD8202 Datasheet
989Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
Anpec Electronics Corop...
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
APW7207 ANPEC-APW7207 Datasheet
323Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7209 ANPEC-APW7209 Datasheet
377Kb / 14P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7209 ANPEC-APW7209_13 Datasheet
375Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
   High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com