Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61520FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M61520FP
Description  6ch Electronic Volume with Tone Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61520FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M61520FP Datasheet HTML 4Page - Renesas Technology Corp M61520FP Datasheet HTML 5Page - Renesas Technology Corp M61520FP Datasheet HTML 6Page - Renesas Technology Corp M61520FP Datasheet HTML 7Page - Renesas Technology Corp M61520FP Datasheet HTML 8Page - Renesas Technology Corp M61520FP Datasheet HTML 9Page - Renesas Technology Corp M61520FP Datasheet HTML 10Page - Renesas Technology Corp M61520FP Datasheet HTML 11Page - Renesas Technology Corp M61520FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
M61520FP
Rev.1.0, Sep.19.2003, page 8 of 15
(19) Volume setting
(FLch, FRch, SLch, SRch, SWch)
Setting just after power
is turned on
ATT
D7C~H
D8C~H
D9C~H
D10C~H D11C~H D12C~H D13C~H
ATT
D7C~H
D8C~H
D9C~H
D10C~H D11C~H D12C~H D13C~H
±0dB
0
0
0
0
0
0
0
-45.0dB
1
0
1
1
0
1
0
-1.0dB
1
0
0
0
0
0
0
-46.0dB
0
1
1
1
0
1
0
-2.0dB
0
1
0
0
0
0
0
-47.0dB
1
1
1
1
0
1
0
-3.0dB
1
1
0
0
0
0
0
-48.0dB
0
0
0
0
1
1
0
-4.0dB
0
0
1
0
0
0
0
-49.0dB
1
0
0
0
1
1
0
-5.0dB
1
0
1
0
0
0
0
-50.0dB
0
1
0
0
1
1
0
-6.0dB
0
1
1
0
0
0
0
-51.0dB
1
1
0
0
1
1
0
-7.0dB
1
1
1
0
0
0
0
-52.0dB
0
0
1
0
1
1
0
-8.0dB
0
0
0
1
0
0
0
-53.0dB
1
0
1
0
1
1
0
-9.0dB
1
0
0
1
0
0
0
-54.0dB
0
1
1
0
1
1
0
-10.0dB
0
1
0
1
0
0
0
-55.0dB
1
1
1
0
1
1
0
-11.0dB
1
1
0
1
0
0
0
-56.0dB
0
0
0
1
1
1
0
-12.0dB
0
0
1
1
0
0
0
-57.0dB
1
0
0
1
1
1
0
-13.0dB
1
0
1
1
0
0
0
-58.0dB
0
1
0
1
1
1
0
-14.0dB
0
1
1
1
0
0
0
-59.0dB
1
1
0
1
1
1
0
-15.0dB
1
1
1
1
0
0
0
-60.0dB
0
0
1
1
1
1
0
-16.0dB
0
0
0
0
1
0
0
-61.0dB
1
0
1
1
1
1
0
-17.0dB
1
0
0
0
1
0
0
-62.0dB
0
1
1
1
1
1
0
-18.0dB
0
1
0
0
1
0
0
-63.0dB
1
1
1
1
1
1
0
-19.0dB
1
1
0
0
1
0
0
-64.0dB
0
0
0
0
0
0
1
-20.0dB
0
0
1
0
1
0
0
-65.0dB
1
0
0
0
0
0
1
-21.0dB
1
0
1
0
1
0
0
-66.0dB
0
1
0
0
0
0
1
-22.0dB
0
1
1
0
1
0
0
-67.0dB
1
1
0
0
0
0
1
-23.0dB
1
1
1
0
1
0
0
-68.0dB
0
0
1
0
0
0
1
-24.0dB
0
0
0
1
1
0
0
-69.0dB
1
0
1
0
0
0
1
-25.0dB
1
0
0
1
1
0
0
-70.0dB
0
1
1
0
0
0
1
-26.0dB
0
1
0
1
1
0
0
-71.0dB
1
1
1
0
0
0
1
-27.0dB
1
1
0
1
1
0
0
-72.0dB
0
0
0
1
0
0
1
-28.0dB
0
0
1
1
1
0
0
-73.0dB
1
0
0
1
0
0
1
-29.0dB
1
0
1
1
1
0
0
-74.0dB
0
1
0
1
0
0
1
-30.0dB
0
1
1
1
1
0
0
-75.0dB
1
1
0
1
0
0
1
-31.0dB
1
1
1
1
1
0
0
-76.0dB
0
0
1
1
0
0
1
-32.0dB
0
0
0
0
0
1
0
-77.0dB
1
0
1
1
0
0
1
-33.0dB
1
0
0
0
0
1
0
-78.0dB
0
1
1
1
0
0
1
-34.0dB
0
1
0
0
0
1
0
-79.0dB
1
1
1
1
0
0
1
-35.0dB
1
1
0
0
0
1
0
-80.0dB
0
0
0
0
1
0
1
-36.0dB
0
0
1
0
0
1
0
-81.0dB
1
0
0
0
1
0
1
-37.0dB
1
0
1
0
0
1
0
-82.0dB
0
1
0
0
1
0
1
-38.0dB
0
1
1
0
0
1
0
-83.0dB
1
1
0
0
1
0
1
-39.0dB
1
1
1
0
0
1
0
-84.0dB
0
0
1
0
1
0
1
-40.0dB
0
0
0
1
0
1
0
-85.0dB
1
0
1
0
1
0
1
-41.0dB
1
0
0
1
0
1
0
-86.0dB
0
1
1
0
1
0
1
-42.0dB
0
1
0
1
0
1
0
-87.0dB
1
1
1
0
1
0
1
-43.0dB
1
1
0
1
0
1
0
-∞dB
1
1
1
1
1
1
1
-44.0dB
0
0
1
1
0
1
0
Note: Do not input values other than those specified above. Operation is not guaranteed with other values.


Similar Part No. - M61520FP

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M61521SFCN MTRONPTI-M61521SFCN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61521SFSN MTRONPTI-M61521SFSN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61521STCN MTRONPTI-M61521STCN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61521STSN MTRONPTI-M61521STSN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
logo
Renesas Technology Corp
M61522FP RENESAS-M61522FP Datasheet
230Kb / 18P
   8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
More results

Similar Description - M61520FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
   6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
List of Unclassifed Man...
REJ03F0057_M61520FP ETC-REJ03F0057_M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Renesas Technology Corp
M61539FP RENESAS-M61539FP Datasheet
147Kb / 18P
   6ch Electronic Volume with Tone Control
M62446AFP RENESAS-M62446AFP Datasheet
240Kb / 19P
   6ch Electronic Volume with Tone Control
logo
Mitsubishi Electric Sem...
M62446FP MITSUBISHI-M62446FP Datasheet
105Kb / 13P
   6CH ELECTRIC VOLUME WITH TONE CONTROL
logo
Rohm
BD3814FV ROHM-BD3814FV_1 Datasheet
371Kb / 11P
   6ch Electronic Volume
logo
Silan Microelectronics ...
SC5358 SILAN-SC5358 Datasheet
167Kb / 9P
   6CH ELECTRONIC VOLUME CONTROLLER
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
logo
Renesas Technology Corp
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com