Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7079-50DI-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7079-50DI-TRG
Description  Low-Supply-Current Synchronous Step-up DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7079-50DI-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7079-50DI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2008
APW7079
www.anpec.com.tw
3
Electrical Characteristics
APW7079
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Converter Supply Voltage
0.7
-
5.5
V
Start-up Voltage
RLOAD=3k
-
0.9
1
V
APW7079-18
1.764
1.8
1.836
APW7079-26
2.548
2.6
2.652
APW7079-28
2.744
2.8
2.856
APW7079-30
2.94
3.0
3.06
APW7079-33
3.234
3.3
3.366
APW7079-38
3.724
3.8
3.876
APW7079-45
4.41
4.5
4.59
VOUT
Output Voltage
APW7079-50
4.9
5.0
5.1
V
IDD
Supply Current
VOUT = VOUT(Typ.)+0.5V
Measured at VOUT
No Inductor Connected
7
11
15
µA
TOFF(MIN)
Main Switch Min. Off-time
0.6
0.9
1.2
µs
TON(MAX)
Main Switch Max. On-time
3
4
5
µs
Main Switch Max. Duty
75
-
85
%
APW7079-18
-
0.5
-
APW7079-26
-
0.4
-
APW7079-28
-
0.4
-
APW7079-30
-
0.4
-
APW7079-33
-
0.4
-
APW7079-38
-
0.4
-
APW7079-45
-
0.3
-
RN-FET
Main Switch on Resistance
ILX=100mA
APW7079-50
-
0.3
-
APW7079-18
-
1
-
APW7079-26
-
0.8
-
APW7079-28
-
0.8
-
APW7079-30
-
0.7
-
APW7079-33
-
0.6
-
APW7079-38
-
0.5
-
APW7079-45
-
0.4
-
RP-FET
Synchronous Switch on
Resistance
ILX=100mA
APW7079-50
-
0.4
-
ILIM
Main Switch Current Limit
500
600
700
mA
Main Switch Leakage Current
-
-
1
µA
Synchronous Switch Leakage
Current
-
-
1
µA
Over Temperature Shutdown
-
150
-
°C
Over Temperature Hysteresis
-
40
-
°C
Refer to Typical Application Circuits. V
IN=1.5V, RLOAD = ∞, and TA= -40 ~ 85
oC, unless otherwise noted. Typical values are at T
A=25
oC.


Similar Part No. - APW7079-50DI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707918DI-TRG ANPEC-APW707918DI-TRG Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707926DI-TRG ANPEC-APW707926DI-TRG Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707928DI-TRG ANPEC-APW707928DI-TRG Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707930DI-TRG ANPEC-APW707930DI-TRG Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
More results

Similar Description - APW7079-50DI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
   PFM Synchronous Step-up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
   Step-Up Synchronous PFM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com