Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7079-50DI-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7079-50DI-TRG
Description  Low-Supply-Current Synchronous Step-up DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7079-50DI-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7079-50DI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7079-50DI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2008
APW7079
www.anpec.com.tw
4
Typical Operating Characteristics
(Refer to the application circuit in the section “Typical Application Circuit”, V
IN=1.5V, L1=22µH, TA=25
oC unless otherwise noted.)
Output Current, I
OUT (mA)
Efficiency vs. Output Current
Output Current, I
OUT (mA)
Output Voltage vs. Output Current
Output Current, I
OUT (mA)
Efficiency vs. Output Current
Output Current, I
OUT (mA)
Output Voltage vs. Output Current
Output Current, I
OUT (mA)
Output Voltage vs. Output Current
Output Current, I
OUT (mA)
Output Voltage vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
V
IN=1.0V
V
IN=1.5V
V
IN=0.9V
V
IN=1.2V
APW7079-18
1.64
1.66
1.68
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
0
50
100
150
200
250
300
V
IN=1.5V
V
IN=1.2V
V
IN=1.0V
V
IN=0.9V
APW7079-18
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
V
IN=2.4V
V
IN=1.5V
V
IN=1.2V
V
IN=1.0V
V
IN=0.9V
APW7079-30
2.6
2.7
2.8
2.9
3.0
3.1
0
50
100
150
200
250
300
350
400
V
IN=0.9V
V
IN=1.0V
V
IN=1.2V
V
IN=1.5V
V
IN=2.4V
APW7079-30
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
V
IN=2.4V
V
IN=3.6V
V
IN=1.5V
V
IN=1.2V
V
IN=1.0V
V
IN=0.9V
APW7079-50
0
1
2
3
4
5
6
0
50
100
150
200
250
300
350
V
IN=0.9V
V
IN=1.0V
V
IN=1.2V
V
IN=1.5V
V
IN=3.6V
V
IN=2.4V
APW7079-50


Similar Part No. - APW7079-50DI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707918DI-TRG ANPEC-APW707918DI-TRG Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707926DI-TRG ANPEC-APW707926DI-TRG Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707928DI-TRG ANPEC-APW707928DI-TRG Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707930DI-TRG ANPEC-APW707930DI-TRG Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
More results

Similar Description - APW7079-50DI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
   PFM Synchronous Step-up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
   Step-Up Synchronous PFM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com