Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW45NM60 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW45NM60
Description  N-CHANNEL 600V - 0.09ohm - 45A TO-247 MDmes TM Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW45NM60 Datasheet(HTML) 3 Page - STMicroelectronics

  STW45NM60 Datasheet HTML 1Page - STMicroelectronics STW45NM60 Datasheet HTML 2Page - STMicroelectronics STW45NM60 Datasheet HTML 3Page - STMicroelectronics STW45NM60 Datasheet HTML 4Page - STMicroelectronics STW45NM60 Datasheet HTML 5Page - STMicroelectronics STW45NM60 Datasheet HTML 6Page - STMicroelectronics STW45NM60 Datasheet HTML 7Page - STMicroelectronics STW45NM60 Datasheet HTML 8Page - STMicroelectronics STW45NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STW45NM60
Electrical ratings
3/12
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
±30
V
ID
Drain current (continuous) at TC = 25°C
45
A
ID
Drain current (continuous) at TC = 100°C
28
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
180
A
PTOT
Total dissipation at TC = 25°C
417
W
Derating factor
3.33
W/°C
dv/dt (2)
2.
ISD < 45A, di/dt < 400A/µs, VDD < 80% V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature
–65 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.3
°C/W
Rthj-amb
Thermal resistance junction-amb
30
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
15
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 35 V)
850
mJ


Similar Part No. - STW45NM60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW45NM60 ISC-STW45NM60 Datasheet
325Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW45NM60D STMICROELECTRONICS-STW45NM60D Datasheet
575Kb / 12P
   N-channel 600 V, 0.09 Ω, 45 A TO-247 FDmesh™ Power MOSFET (with fast diode)
June 2009
More results

Similar Description - STW45NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW45NM50 STMICROELECTRONICS-STW45NM50 Datasheet
244Kb / 9P
   N-CHANNEL 550V Tjmax - 0.08ohm - 45A TO-247 MDmesh TM MOSFET
STW26NM60 STMICROELECTRONICS-STW26NM60 Datasheet
233Kb / 9P
   N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
STGW35NB60SD STMICROELECTRONICS-STGW35NB60SD Datasheet
242Kb / 13P
   N-CHANNEL 35A - 600V - TO-247 Low Drop PowerMESH TM IGBT
STW47NM50 STMICROELECTRONICS-STW47NM50 Datasheet
117Kb / 6P
   N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh?줡ower MOSFET
STGW50NC60W STMICROELECTRONICS-STGW50NC60W Datasheet
289Kb / 14P
   N-channel 600V - 55A - TO-247
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW30NC60VD STMICROELECTRONICS-STGW30NC60VD Datasheet
411Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STS2DNF30L STMICROELECTRONICS-STS2DNF30L Datasheet
268Kb / 8P
   Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
STS2DNF30L STMICROELECTRONICS-STS2DNF30L_07 Datasheet
295Kb / 12P
   Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
STB10NK60Z STMICROELECTRONICS-STB10NK60Z Datasheet
409Kb / 19P
   N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com