Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1501A-50K5L-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1501A-50K5L-13
Description  150KHz, 5A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501A-50K5L-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1501A-50K5L-13 Datasheet HTML 1Page - Diodes Incorporated AP1501A-50K5L-13 Datasheet HTML 2Page - Diodes Incorporated AP1501A-50K5L-13 Datasheet HTML 3Page - Diodes Incorporated AP1501A-50K5L-13 Datasheet HTML 4Page - Diodes Incorporated AP1501A-50K5L-13 Datasheet HTML 5Page - Diodes Incorporated AP1501A-50K5L-13 Datasheet HTML 6Page - Diodes Incorporated AP1501A-50K5L-13 Datasheet HTML 7Page - Diodes Incorporated AP1501A-50K5L-13 Datasheet HTML 8Page - Diodes Incorporated AP1501A-50K5L-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP1501A
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
4 of 12
SEPTEMBER 2008
www.diodes.com
© Diodes Incorporated
Recommended Operating Conditions
Symbol
Parameter
Rating
Units
VOP
Operating voltage
4.5 to 40
V
TA
Operating Ambient Temperature
-20 to 85
oC
Electrical Characteristics
( All Output Voltage Versions )
Unless otherwise specified, VIN = 12V for 3.3V, 5V, adjustable version and VIN = 24V for the 12V version. ILOAD = 0.5A
Specifications with boldface type are for full operating temperature range, the other type are for TJ = 25ºC.
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
60
IFB
Feedback Bias Current
VFB = 1.3V
(Adjustable version only)
40
100
nA
127
150
173
FOSC
Oscillator Frequency
110
173
Khz
1.6
VSAT
Saturation Voltage
IOUT = 5A
no outside circuit
VFB = 0V force driver on
1.5
1.7
V
Max. Duty Cycle(ON)
VFB = 0V force driver on
100
DC
Min. Duty Cycle(OFF)
VFB = 12V force driver off
0
%
6.5
ICL
Current Limit
peak current
no outside circuit
VFB = 0 force driver on
5.5
6.0
7.5
A
Output = 0V
no outside circuit
VFB = 12 force driver off (Note 3)
200
uA
IL
Output = -1V
Output
Leakage
Current
VIN = 40V
2
60
mA
IQ
Quiescent Current
VFB = 12 force driver off
5
10
mA
250
ISTBY
Standby Quiescent
Current
ON/OFF pin = 5V
VIN = 40V
150
300
uA
VIL
Low (regulator ON)
0.6
VIH
ON/OFF Pin Logic Input
Threshold Voltage
High (regulator OFF)
2.0
1.3
V
IH
ON/OFF Pin Logic
Input Current
VLOGIC = 2.5V (OFF)
15
25
IL
ON/OFF Pin Input
Current
VLOGIC = 0.5V (ON)
0.02
5
uA
TO263-5L (Note 4)
37
θ
JA
Thermal Resistance
Junction-to-Ambient
TO220-5L(R) (Note 4)
31
oC/W
TO263-5L (Note 4)
6
θ
JC
Thermal Resistance
Junction-to-Case
TO220-5L(R) (Note 4)
5
oC/W
Notes:
3. Feedback pin removed from output and connected to 0V to force the output transistor switch ON. Feedback pin removed from output and
connected to 12V for the 3.3V, 5V, and the ADJ. version, and 15V for the 12V version, to force the output transistor switch OFF.
4. Test condition: Device mounted with copper area of approximately 3in
2, 1oz, no air flow.


Similar Part No. - AP1501A-50K5L-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A-50K5L ANACHIP-AP1501A-50K5L Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
AP1501A-50K5L ANACHIP-AP1501A-50K5L Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
AP1501A-50K5LA ANACHIP-AP1501A-50K5LA Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
AP1501A-50K5LA ANACHIP-AP1501A-50K5LA Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
More results

Similar Description - AP1501A-50K5L-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX3203 ETC-AX3203 Datasheet
190Kb / 7P
   150KHz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com