Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR16PM-12LD-A8 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR16PM-12LD-A8
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16PM-12LD-A8 Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR16PM-12LD-A8 Datasheet HTML 1Page - Renesas Technology Corp BCR16PM-12LD-A8 Datasheet HTML 2Page - Renesas Technology Corp BCR16PM-12LD-A8 Datasheet HTML 3Page - Renesas Technology Corp BCR16PM-12LD-A8 Datasheet HTML 4Page - Renesas Technology Corp BCR16PM-12LD-A8 Datasheet HTML 5Page - Renesas Technology Corp BCR16PM-12LD-A8 Datasheet HTML 6Page - Renesas Technology Corp BCR16PM-12LD-A8 Datasheet HTML 7Page - Renesas Technology Corp BCR16PM-12LD-A8 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BCR16PM-12LD
REJ03G1562-0100
Rev.1.00
Jul 06, 2007
Page 4 of 7
No Fins
Maximum Transient Thermal Impedance
Characteristics (Junction to ambient)
103
10–1
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
Conduction Time (Cycles at 60Hz)
23 5 7
2 3 57
2 3 57
23 5 7
10
4
10
2
10
1
10
5
10
3
0
15
10
5
20
25
02
4
6
16
10
812 14
20
18
RMS On-State Current (A)
Maximum On-State Power Dissipation
7
5
3
2
103
7
5
3
2
104
7
5
3
2
105
7
5
3
2
106
102
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
0
246
8 10 12
16
14
20
18
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
0
20
40
80
60
100
120
140
160
0
0.5 1.0 1.5
3.0
2.5
4.0
3.5
2.0
RMS On-State Current (A)
0
20
40
80
60
100
120
140
160
Allowable Ambient Temperature vs.
RMS On-State Current
Junction Temperature (°C)
–60–40 –20 0 20 40 60 80 100120140160
Repetitive Peak Off-State Current vs.
Junction Temperature
Typical Example
Natural convection
No Fins
Curves apply regardless
of conduction angle
Resistive, inductive loads
360° Conduction
Resistive,
inductive loads
All fins are black painted
aluminum and greased
Curves apply
regardless of
conduction angle
Resistive,
inductive loads
Natural convection
60
× 60 × t2.3
120
× 120 × t2.3
100
× 100 × t2.3
02
4
6
8 10 12
16 18 20
14
0
20
40
80
60
100
120
140
160
Curves apply regardless
of conduction angle
360° Conduction
Resistive,
inductive loads


Similar Part No. - BCR16PM-12LD-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16PM-12LD RENESAS-BCR16PM-12LD_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR16PM-12LD-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com