Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR25RM-12LB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR25RM-12LB
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR25RM-12LB Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR25RM-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR25RM-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR25RM-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR25RM-12LB Datasheet HTML 4Page - Renesas Technology Corp BCR25RM-12LB Datasheet HTML 5Page - Renesas Technology Corp BCR25RM-12LB Datasheet HTML 6Page - Renesas Technology Corp BCR25RM-12LB Datasheet HTML 7Page - Renesas Technology Corp BCR25RM-12LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BCR25RM-12LB
REJ03G1715-0100 Rev.1.00 Jul 10, 2008
Page 4 of 7
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
101
102
103
102
103
104
105
106
-40
0
40
80
120
160
-40
0
40
80
120
160
Typical Example
Typical Example
0
10
20
30
40
0
1020
3040
0
20
40
60
80
100
120
140
160
010
20
30
40
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
140
160
010
20
30
40
0
1
2
3
4
5
360° Conduction
Resistive,
inductive loads
Curves apply
regardless of
conduction angle
Natural convection
No Fins
Curves apply regardless
of conduction angle
Resistive, inductive loads
360° Conduction
Resistive,
inductive loads
120 120 t2.3
160 160 t2.3
100 100 t2.3
Curves apply regardless
of conduction angle
Resistive, inductive loads
Natural convection
All fins are blackpainted
aluminum and greased


Similar Part No. - BCR25RM-12LB

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR25RM-12LB ISC-BCR25RM-12LB Datasheet
227Kb / 3P
   isc Triacs
logo
Renesas Technology Corp
BCR25RM-12LB RENESAS-BCR25RM-12LB_15 Datasheet
145Kb / 10P
   Triac Medium Power Use
More results

Similar Description - BCR25RM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com