Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30281MA-XXXHP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M30281MA-XXXHP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
Download  423 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30281MA-XXXHP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M30281MA-XXXHP Datasheet HTML 1Page - Renesas Technology Corp M30281MA-XXXHP Datasheet HTML 2Page - Renesas Technology Corp M30281MA-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M30281MA-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M30281MA-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M30281MA-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M30281MA-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M30281MA-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M30281MA-XXXHP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 423 page
background image
How to Use This Manual
1.
Purpose and Target Readers
This manual is designed to provide the user with an understanding of the hardware functions and electrical
characteristics of the MCU. It is intended for users designing application systems incorporating the MCU. A basic
knowledge of electric circuits, logical circuits, and MCUs is necessary in order to use this manual.
The manual comprises an overview of the product; descriptions of the CPU, system control functions, peripheral
functions, and electrical characteristics; and usage notes.
Particular attention should be paid to the precautionary notes when using the manual. These notes occur
within the body of the text, at the end of each section, and in the Usage Notes section.
The revision history summarizes the locations of revisions and additions. It does not list all revisions. Refer
to the text of the manual for details.
The following documents apply to the M16C/28 Group (M16C/28 and M16C/28B). Make sure to refer to the latest
versions of these documents. The newest versions of the documents listed may be obtained from the Renesas
Technology Web site.
Document Type
Description
Document Title
Document No.
Hardware manual Hardware specifications (pin assignments,
memory maps, peripheral function
specifications, electrical characteristics, timing
charts) and operation description
Note: Refer to the application notes for details on
using peripheral functions.
M16C/28 Group
(M16C/28,
M16C/28B)
Hardware Manual
This hardware
manual
Software manual
Description of CPU instruction set
M16C/60,
M16C/20,
M16C/Tiny Series
Software Manual
REJ09B0137
Application note
Information on using peripheral functions and
application examples
Sample programs
Information on writing programs in assembly
language and C
Available from Renesas
Technology Web site.
Renesas
technical update
Product specifications, updates on documents,
etc.


Similar Part No. - M30281MA-XXXHP

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3028 MTRONPTI-M3028 Datasheet
214Kb / 6P
   LVPECL/LVDS Differential Output
More results

Similar Description - M30281MA-XXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C26A RENESAS-M16C26A Datasheet
2Mb / 352P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M16C6NK RENESAS-M16C6NK Datasheet
2Mb / 404P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
R8C12 RENESAS-R8C12 Datasheet
1Mb / 198P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
M16C6N5 RENESAS-M16C6N5 Datasheet
2Mb / 400P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
R8C13 RENESAS-R8C13 Datasheet
2Mb / 224P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
R8C-13 RENESAS-R8C-13_1 Datasheet
2Mb / 224P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
M30245 RENESAS-M30245_06 Datasheet
3Mb / 367P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
M16C6N4 RENESAS-M16C6N4 Datasheet
2Mb / 406P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C6NL RENESAS-M16C6NL Datasheet
2Mb / 388P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C30P RENESAS-M16C30P_07 Datasheet
3Mb / 317P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/30 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com