Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64338086R Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD64338086R
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
Download  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338086R Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD64338086R Datasheet HTML 5Page - Renesas Technology Corp HD64338086R Datasheet HTML 6Page - Renesas Technology Corp HD64338086R Datasheet HTML 7Page - Renesas Technology Corp HD64338086R Datasheet HTML 8Page - Renesas Technology Corp HD64338086R Datasheet HTML 9Page - Renesas Technology Corp HD64338086R Datasheet HTML 10Page - Renesas Technology Corp HD64338086R Datasheet HTML 11Page - Renesas Technology Corp HD64338086R Datasheet HTML 12Page - Renesas Technology Corp HD64338086R Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 697 page
background image
Rev. 3.00 Aug 23, 2006 Page ix of lxxviii
Main Revisions for This Edition
Item
Page
Revision (See Manual for Details)
All
(Before) E7
→ (After) on-chip debugger
Preface
vi
When using an on-chip debugger (such as the E7 or E8) for
H8/38086R program development and debugging, ...
1.1 Features
2
• Compact package
Table amended
Package
Code
Old Code
Body Size
Pin Pitch
Remarks
QFP-80
PRQP0080JB-A
FP-80A
14
× 14 mm
0.65 mm
TQFP-80
PTQP0080KC-A
TFP-80C
12
× 12 mm
0.5 mm
P-TFLGA-85
PTLG0085JA-A
TLP-85V
7
× 7 mm
0.65 mm
1.2 Internal Block
Diagram
Figure1.1 Internal
Block Diagram of
H8/38076R Group
3
Note 2 amended
2. The SCK4, SI4, SO4, and
NMI pins are not available when the
E7 or on-chip debugger is used.
1.4 Pin Functions
Table 1.4 Pin
Functions
19
Table amended
Pin No.
Type
Symbol
FP-80A,
TFP-80C TLP-85V
Pad
No.*
1
Pad
No.*
2
I/O
Functions
16-bit timer
pulse unit
(TPU)
TIOCA1
80
A3
81
80
I/O
Pins for the TGR1A input capture
input or output compare output, or
PWM output.
TIOCB1
1
B1
1
1
Input
Pins for the TGR1B input capture
input.
TIOCA2
2
C1
2
2
I/O
Pins for the TGR2A input capture
input or output compare output, or
PWM output.
TIOCB2
3
B2
3
3
Input
Pins for the TGR2B input capture
input.
2.1 Address Space
and Memory Map
Figure 2.1 Memory
Map
26
Note amended
Note: The areas from H'C000 to H'CFFF and from H'F380 to
H'F77F are used by the on-chip debugger.
They are not available to the user when the on-chip debugger is
being used.


Similar Part No. - HD64338086R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433800 HITACHI-HD6433800 Datasheet
1Mb / 435P
   Single-Chip Microcomputer
logo
Renesas Technology Corp
HD6433800 RENESAS-HD6433800 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD64338000 RENESAS-HD64338000 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD64338000S RENESAS-HD64338000S Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD64338001 RENESAS-HD64338001 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
More results

Similar Description - HD64338086R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H838076R RENESAS-H838076R Datasheet
4Mb / 669P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H83008 RENESAS-H83008 Datasheet
3Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83062 RENESAS-H83062 Datasheet
5Mb / 1021P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H838524 RENESAS-H838524 Datasheet
3Mb / 544P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
HD64F3039F18 RENESAS-HD64F3039F18 Datasheet
3Mb / 710P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Series
H83048 RENESAS-H83048 Datasheet
8Mb / 905P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83068F RENESAS-H83068F Datasheet
4Mb / 935P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83028 RENESAS-H83028 Datasheet
8Mb / 923P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83029 RENESAS-H83029 Datasheet
4Mb / 1010P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83024 RENESAS-H83024 Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com