Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432217 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD6432217
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
Download  750 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432217 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD6432217 Datasheet HTML 1Page - Renesas Technology Corp HD6432217 Datasheet HTML 2Page - Renesas Technology Corp HD6432217 Datasheet HTML 3Page - Renesas Technology Corp HD6432217 Datasheet HTML 4Page - Renesas Technology Corp HD6432217 Datasheet HTML 5Page - Renesas Technology Corp HD6432217 Datasheet HTML 6Page - Renesas Technology Corp HD6432217 Datasheet HTML 7Page - Renesas Technology Corp HD6432217 Datasheet HTML 8Page - Renesas Technology Corp HD6432217 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 750 page
background image
Rev.6.00 Jun. 03, 2008 Page iii of xlviii
REJ09B0074-0600
General Precautions in the Handling of MPU/MCU Products
The following usage notes are applicable to all MPU/MCU products from Renesas. For detailed usage notes
on the products covered by this manual, refer to the relevant sections of the manual. If the descriptions under
General Precautions in the Handling of MPU/MCU Products and in the body of the manual differ from each
other, the description in the body of the manual takes precedence.
1. Handling of Unused Pins
Handle unused pins in accord with the directions given under Handling of Unused Pins in
the manual.
⎯ The input pins of CMOS products are generally in the high-impedance state. In
operation with an unused pin in the open-circuit state, extra electromagnetic noise is
induced in the vicinity of LSI, an associated shoot-through current flows internally, and
malfunctions may occur due to the false recognition of the pin state as an input signal.
Unused pins should be handled as described under Handling of Unused Pins in the
manual.
2. Processing at Power-on
The state of the product is undefined at the moment when power is supplied.
⎯ The states of internal circuits in the LSI are indeterminate and the states of register
settings and pins are undefined at the moment when power is supplied.
In a finished product where the reset signal is applied to the external reset pin, the
states of pins are not guaranteed from the moment when power is supplied until the
reset process is completed.
In a similar way, the states of pins in a product that is reset by an on-chip power-on
reset function are not guaranteed from the moment when power is supplied until the
power reaches the level at which resetting has been specified.
3. Prohibition of Access to Reserved Addresses
Access to reserved addresses is prohibited.
⎯ The reserved addresses are provided for the possible future expansion of functions. Do
not access these addresses; the correct operation of LSI is not guaranteed if they are
accessed.
4. Clock Signals
After applying a reset, only release the reset line after the operating clock signal has
become stable. When switching the clock signal during program execution, wait until the
target clock signal has stabilized.
⎯ When the clock signal is generated with an external resonator (or from an external
oscillator) during a reset, ensure that the reset line is only released after full stabilization
of the clock signal. Moreover, when switching to a clock signal produced with an
external resonator (or by an external oscillator) while program execution is in progress,
wait until the target clock signal is stable.
5. Differences between Products
Before changing from one product to another, i.e. to one with a different type number,
confirm that the change will not lead to problems.
The characteristics of MPU/MCU in the same group but having different type numbers
may differ because of the differences in internal memory capacity and layout pattern.
When changing to products of different type numbers, implement a system-evaluation
test for each of the products.


Similar Part No. - HD6432217

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432217 RENESAS-HD6432217 Datasheet
4Mb / 750P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
HD6432217 RENESAS-HD6432217 Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results

Similar Description - HD6432217

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2268 RENESAS-H8S2268_09 Datasheet
4Mb / 712P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S14 RENESAS-H8S14 Datasheet
5Mb / 938P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S18 RENESAS-H8S18 Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S-2258 RENESAS-H8S-2258 Datasheet
6Mb / 1071P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S2215 RENESAS-H8S2215 Datasheet
4Mb / 878P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S-2268 RENESAS-H8S-2268 Datasheet
4Mb / 725P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S15 RENESAS-H8S15 Datasheet
5Mb / 904P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2245 RENESAS-H8S2245 Datasheet
3Mb / 818P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
H8S2268 RENESAS-H8S2268 Datasheet
4Mb / 725P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2214 RENESAS-H8S2214 Datasheet
5Mb / 936P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com